Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1013MFKB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LT1013MFKB
Description  Dual Precision Operational Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LT1013MFKB Datasheet(HTML) 2 Page - Texas Instruments

  LT1013MFKB Datasheet HTML 1Page - Texas Instruments LT1013MFKB Datasheet HTML 2Page - Texas Instruments LT1013MFKB Datasheet HTML 3Page - Texas Instruments LT1013MFKB Datasheet HTML 4Page - Texas Instruments LT1013MFKB Datasheet HTML 5Page - Texas Instruments LT1013MFKB Datasheet HTML 6Page - Texas Instruments LT1013MFKB Datasheet HTML 7Page - Texas Instruments LT1013MFKB Datasheet HTML 8Page - Texas Instruments LT1013MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
LT1013, LT1013D, LT1013M, LT1013AM
SLOS018I – MAY 1988 – REVISED JULY 2016
www.ti.com
Product Folder Links: LT1013 LT1013D LT1013M LT1013AM
Submit Documentation Feedback
Copyright © 1988–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics: LT1013C, ±15 V .............. 5
6.6
Electrical Characteristics: LT1013C, 5 V .................. 6
6.7
Electrical Characteristics: LT1013D, ±15 V .............. 6
6.8
Electrical Characteristics: LT1013D, 5 V .................. 7
6.9
Electrical Characteristics: LT1013DI, ±15 V ............. 7
6.10
Electrical Characteristics: LT1013DI, 5 V ............... 8
6.11
Electrical Characteristics: LT1013M, ±15 V ............ 8
6.12
Electrical Characteristics: LT1013M, 5 V ................ 9
6.13
Electrical Characteristics: LT1013AM, ±15 V.......... 9
6.14
Electrical Characteristics: LT1013AM, 5 V............ 10
6.15
Electrical Characteristics: LT1013DM, ±15 V ....... 10
6.16
Electrical Characteristics: LT1013DM, 5 V ........... 11
6.17
Operating Characteristics...................................... 11
6.18
Typical Characteristics .......................................... 12
7
Detailed Description ............................................ 17
7.1
Overview ................................................................. 17
7.2
Functional Block Diagram ....................................... 17
7.3
Feature Description................................................. 17
7.4
Device Functional Modes........................................ 19
8
Application and Implementation ........................ 20
8.1
Application Information............................................ 20
8.2
Typical Application ................................................. 20
9
Power Supply Recommendations ...................... 21
10
Layout................................................................... 21
10.1
Layout Guidelines ................................................. 21
10.2
Layout Examples................................................... 22
11
Device and Documentation Support ................. 23
11.1
Device Support...................................................... 23
11.2
Related Links ........................................................ 23
11.3
Receiving Notification of Documentation Updates 23
11.4
Community Resources.......................................... 23
11.5
Trademarks ........................................................... 23
11.6
Electrostatic Discharge Caution ............................ 23
11.7
Glossary ................................................................ 23
12
Mechanical, Packaging, and Orderable
Information ........................................................... 24
4 Revision History
Changes from Revision H (November 2004) to Revision I
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Removed Ordering Information table, see POA at the end of the data sheet ...................................................................... 1


Similar Part No. - LT1013MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1013MFKB TI-LT1013MFKB Datasheet
546Kb / 30P
[Old version datasheet]   DUAL PRECISION OPERATIONAL AMPLIFIERS
LT1013MFKB TI-LT1013MFKB Datasheet
595Kb / 33P
[Old version datasheet]   DUAL PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - LT1013MFKB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1013M LINER-RH1013M Datasheet
197Kb / 8P
   Dual Precision Operational Amplifier
logo
New Japan Radio
NJM2739 NJRC-NJM2739 Datasheet
1Mb / 17P
   Dual Precision Operational Amplifier
logo
Texas Instruments
LT1013 TI1-LT1013 Datasheet
114Kb / 6P
[Old version datasheet]   Dual Precision Operational Amplifier
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512_08 Datasheet
216Kb / 16P
   Precision dual operational amplifier
logo
Linear Technology
RH1013M LINER-RH1013M_15 Datasheet
119Kb / 6P
   Dual Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
logo
Linear Technology
LT1002 LINER-LT1002_15 Datasheet
189Kb / 16P
   Dual, Matched Precision Operational Amplifier
LT1002 LINER-LT1002 Datasheet
344Kb / 16P
   Dual, Matched Precision Operational Amplifier
logo
National Semiconductor ...
LMC6082 NSC-LMC6082 Datasheet
322Kb / 12P
   Precision CMOS Dual Operational Amplifier
logo
Analog Devices
OP-285 AD-OP-285 Datasheet
577Kb / 16P
   DUAL, 9MHz PRECISION OPERATIONAL AMPLIFIER
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com