Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1013DIP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LT1013DIP
Description  Dual Precision Operational Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LT1013DIP Datasheet(HTML) 3 Page - Texas Instruments

  LT1013DIP Datasheet HTML 1Page - Texas Instruments LT1013DIP Datasheet HTML 2Page - Texas Instruments LT1013DIP Datasheet HTML 3Page - Texas Instruments LT1013DIP Datasheet HTML 4Page - Texas Instruments LT1013DIP Datasheet HTML 5Page - Texas Instruments LT1013DIP Datasheet HTML 6Page - Texas Instruments LT1013DIP Datasheet HTML 7Page - Texas Instruments LT1013DIP Datasheet HTML 8Page - Texas Instruments LT1013DIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
4
NC
5
1IN±
6
NC
7
1IN+
8
NC
14
NC
15
2IN±
16
NC
17
2OUT
18
NC
Not to scale
1
1OUT
8
VCC+
2
1IN–
7
2OUT
3
1IN+
6
2IN–
4
VCC–
5
2IN+
Not to scale
1
1IN+
8
1IN–
2
VCC–
7
1OUT
3
2IN+
6
VCC+
4
2IN–
5
2OUT
Not to scale
3
LT1013, LT1013D, LT1013M, LT1013AM
www.ti.com
SLOS018I – MAY 1988 – REVISED JULY 2016
Product Folder Links: LT1013 LT1013D LT1013M LT1013AM
Submit Documentation Feedback
Copyright © 1988–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
LT1013 and LT1013D D Package
8-Pin SOIC
Top View
LT1013M and LT1013AM JG Package
or LT1013 and LT1013D P Package
8-Pin CDIP or PDIP
Top View
LT1013M and LT1013AM FK Package
20-Pin LCCC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOIC
LCCC
CDIP, PDIP
1IN+
1
7
3
I
Noninverting input for channel 1
1IN–
8
5
2
I
Inverting input for channel 1
1OUT
7
2
1
O
Output for channel 1
2IN+
3
12
5
I
Noninverting input for channel 2
2IN–
4
15
6
I
Inverting input for channel 2
2OUT
5
17
7
O
Output for channel 2
NC
1, 3, 4, 6, 8, 9,
11, 13, 14, 16,
18, 19
No internal connection
VCC+
6
20
8
Positive supply Voltage
VCC–
2
10
4
Negative supply Voltage


Similar Part No. - LT1013DIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1013DIP TI-LT1013DIP Datasheet
546Kb / 30P
[Old version datasheet]   DUAL PRECISION OPERATIONAL AMPLIFIERS
LT1013DIP TI-LT1013DIP Datasheet
595Kb / 33P
[Old version datasheet]   DUAL PRECISION OPERATIONAL AMPLIFIERS
LT1013DIPE4 TI-LT1013DIPE4 Datasheet
595Kb / 33P
[Old version datasheet]   DUAL PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - LT1013DIP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1013M LINER-RH1013M Datasheet
197Kb / 8P
   Dual Precision Operational Amplifier
logo
New Japan Radio
NJM2739 NJRC-NJM2739 Datasheet
1Mb / 17P
   Dual Precision Operational Amplifier
logo
Texas Instruments
LT1013 TI1-LT1013 Datasheet
114Kb / 6P
[Old version datasheet]   Dual Precision Operational Amplifier
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512_08 Datasheet
216Kb / 16P
   Precision dual operational amplifier
logo
Linear Technology
RH1013M LINER-RH1013M_15 Datasheet
119Kb / 6P
   Dual Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
logo
Linear Technology
LT1002 LINER-LT1002_15 Datasheet
189Kb / 16P
   Dual, Matched Precision Operational Amplifier
LT1002 LINER-LT1002 Datasheet
344Kb / 16P
   Dual, Matched Precision Operational Amplifier
logo
National Semiconductor ...
LMC6082 NSC-LMC6082 Datasheet
322Kb / 12P
   Precision CMOS Dual Operational Amplifier
logo
Analog Devices
OP-285 AD-OP-285 Datasheet
577Kb / 16P
   DUAL, 9MHz PRECISION OPERATIONAL AMPLIFIER
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com