Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1611-SP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC1611-SP
Description  QUAD SCHOTTKY DIODE ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1611-SP Datasheet(HTML) 1 Page - Texas Instruments

  UC1611-SP Datasheet HTML 1Page - Texas Instruments UC1611-SP Datasheet HTML 2Page - Texas Instruments UC1611-SP Datasheet HTML 3Page - Texas Instruments UC1611-SP Datasheet HTML 4Page - Texas Instruments UC1611-SP Datasheet HTML 5Page - Texas Instruments UC1611-SP Datasheet HTML 6Page - Texas Instruments UC1611-SP Datasheet HTML 7Page - Texas Instruments UC1611-SP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UC1611
UC3611
SLUS338A – JUNE 1993 – REVISED MAY 2001
QUAD SCHOTTKY DIODE ARRAY
1
www.ti.com
FEATURES
D Matched, Four-Diode Monolithic Array
D High Peak Current
D Low-Cost MINIDIP Package
D Low-Forward Voltage
D Parallelable for Lower VF or Higher IF
D Fast Recovery Time
D Military Temperature Range Available
DESCRIPTION
This four-diode array is designed for general
purpose use as individual diodes or as a
high-speed, high-current bridge. It is particularly
useful on the outputs of high-speed power
MOSFET drivers where Schottky diodes are
needed to clamp any negative excursions caused
by ringing on the driven line.These diodes are also
ideally suited for use as voltage clamps when
driving inductive loads such as relays and
solenoids, and to provide a path for current
free-wheeling in motor drive applications.The use
of Schottky diode technology features high
efficiency through lowered forward voltage drop
and decreased reverse recovery time.This single
monolithic chip is fabricated in both hermetic
CERDIP and copper-eaded plastic packages.
The UC1611 in ceramic is designed for –55
°C to
125
°C environments but with reduced peak
current capability: while the UC3611 in plastic has
higher current rating over a 0
°C to 70°C ambient
temperature range.
AVAILABLE OPTIONS
TT
Packaged Devices
TA = TJ
SOIC Wide (DW)
DIL (J)
DIL (N)
–55
°C to 125°C
UC1611DW
UC1611J
UC1611N
0
°C to 70°C
UC3611DW
UC3611J
UC3611N
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated


Similar Part No. - UC1611-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1611 TI-UC1611 Datasheet
158Kb / 4P
[Old version datasheet]   Quad Schottky Diode Array
UC1611J TI1-UC1611J Datasheet
179Kb / 7P
[Old version datasheet]   QUAD SCHOTTKY DIODE ARRAY
UC1611J TI1-UC1611J Datasheet
163Kb / 8P
[Old version datasheet]   QUAD SCHOTTKY DIODE ARRAY
UC1611J883B TI1-UC1611J883B Datasheet
179Kb / 7P
[Old version datasheet]   QUAD SCHOTTKY DIODE ARRAY
UC1611J883B TI1-UC1611J883B Datasheet
163Kb / 8P
[Old version datasheet]   QUAD SCHOTTKY DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com