Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1517L Datasheet(PDF) 2 Page - Texas Instruments

Part # UC1517L
Description  Stepper Motor Drive Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1517L Datasheet(HTML) 2 Page - Texas Instruments

  UC1517L Datasheet HTML 1Page - Texas Instruments UC1517L Datasheet HTML 2Page - Texas Instruments UC1517L Datasheet HTML 3Page - Texas Instruments UC1517L Datasheet HTML 4Page - Texas Instruments UC1517L Datasheet HTML 5Page - Texas Instruments UC1517L Datasheet HTML 6Page - Texas Instruments UC1517L Datasheet HTML 7Page - Texas Instruments UC1517L Datasheet HTML 8Page - Texas Instruments UC1517L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PARAMETER
TEST CONDITIONS
UC1517 / UC3517
UNITS
MIN
TYP
MAX
Logic Supply, VCC
Pin 16
4.75
5.25
V
Second Supply, VSS
Pin 15
10
40
V
Logic Supply Current
VINH = 0.4V
45
60
mA
VINH = 4.0V
12
mA
Input Low Voltage
Pins 6, 7, 10, 11
0.8
V
Input High Voltage
Pins 6, 7, 10, 11
2.0
V
Input Low Current
Pins 6, 7, 10, 11; V = 0V
-400
µA
Input High Current
Pins 6, 7, 10, 11; V = 5V
20
µA
Phase Output Saturation Voltage
Pins 1, 2, 4, 5; I = 350mA
0.6
0.85
V
Phase Output Leakage Current
Pins 1, 2, 4, 5; V = 39V
500
µA
Follower Saturation Voltage to VSS
Pins 13,14; I = 350mA
-2
V
Follower Leakage Current
Pins 13,14; V = 0V
500
µA
Output Low Voltage, ØA, ØB
Pins 8, 9; I = 1.6mA
0.1
0.4
V
Phase Turn-On Time
Pins 1, 2, 4, 5
2
µs
Phase Turn-Off Time
Pins 1, 2, 4, 5
1.8
µs
Second-Level On Time. TMONO
Pins 13,14; Figure 3 Test Circuit
275
325
375
µs
Logic Input Set-up Time, tS
Pins 6, 10; Figure 4
400
ns
Logic Input Hold Time, th
Pins 6, 10; Figure 4
0
ns
STEP Pulse Width, tP
Pin 7; Figure 4
800
ns
Timing Resistor Value
Pin 12
1k
100k
Timing Capacitor Value
Pin 12
0.1
500
nF
Power-On Threshold
Pin 16
4.3
V
Power-Off Threshold
Pin 16
3.8
V
Power Hysteresis
Pin 16
0.5
V
UC1517
UC3517
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
PB2
2
PB1
3
GND
4
PA1
5
N/C
6
PA2
7
DIR
8
STEP
9
ØB
10
N/C
11
ØA
12
HSM
13
INH
14
RC
15
N/C
16
LA
17
LB
18
VSS
19
VCC
20
PLCC-20, LCC-20
(TOP VIEW)
Q & L PACKAGE
DIL-16 (TOP VIEW)
J or N Package
CONNECTION DIAGRAMS
Unless otherwise stated, these specifications apply for TA = -55°C to +125°C for the
UC1517 and 0°C to +70°C for the UC3517, Vcc=5V, VSS = 20V, TA=TJ. Pin
numbers refer to DIL-16 package.
ELECTRICAL CHARACTERISTICS:
2


Similar Part No. - UC1517L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1517 TI-UC1517 Datasheet
402Kb / 8P
[Old version datasheet]   Stepper Motor Drive Circuit
More results

Similar Description - UC1517L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
   STEPPER MOTOR DRIVE CIRCUIT
logo
Texas Instruments
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
NXP Semiconductors
SAA1027 PHILIPS-SAA1027 Datasheet
214Kb / 9P
   STEPPER MOTOR DRIVE CIRCUIT
December 1974
logo
Texas Instruments
UC3717A TI-UC3717A Datasheet
454Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
Ericsson
PBL3717 ERICSSON-PBL3717 Datasheet
508Kb / 7P
   Stepper Motor Drive Circuit
September 1989
PBD3517-1 ERICSSON-PBD3517-1 Datasheet
135Kb / 10P
   Stepper Motor Drive Circuit
logo
Texas Instruments
UC1717 TI-UC1717 Datasheet
515Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
SLUS369 TI1-SLUS369 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC3717A TI1-UC3717A_9 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI-UC1517 Datasheet
402Kb / 8P
[Old version datasheet]   Stepper Motor Drive Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com