Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65MLVD204 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD204
Description  MULTIPOINT-LVDS LINE DRIVERS AND RECEIVERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD204 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65MLVD204 Datasheet HTML 6Page - Texas Instruments SN65MLVD204 Datasheet HTML 7Page - Texas Instruments SN65MLVD204 Datasheet HTML 8Page - Texas Instruments SN65MLVD204 Datasheet HTML 9Page - Texas Instruments SN65MLVD204 Datasheet HTML 10Page - Texas Instruments SN65MLVD204 Datasheet HTML 11Page - Texas Instruments SN65MLVD204 Datasheet HTML 12Page - Texas Instruments SN65MLVD204 Datasheet HTML 13Page - Texas Instruments SN65MLVD204 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
SN65MLVD200, SN65MLVD202
SN65MLVD204, SN65MLVD205
MULTIPOINT–LVDS LINE DRIVERS AND RECEIVERS
SLLS463E – SEPTEMBER 2001 – REVISED JUNE 2003
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Output
49.9
Ω ±1%
(Metal Film Surface Mount)
A/Y
Output
tPLH
tPHL
Input
0.5 pF
B/Z
D
0 V
0.9V
V
0 V
tf
tr
VCC
VCC/2
0 V
SS
SS
0 V
0.1V
SS
SS
VP(H)
VP(L)
CL
NOTE: All input pulses are supplied by a generator having the following characteristics: tr or tf ≤1 ns, pulse repetition rate (PRR) = 1 Mpps,
pulse width = 0.5
±0.05 µs. CL includes instrumentation and fixture capacitance within 0,06 m of the D.U.T.
Figure 5. Driver Test Circuit, Timing, and Voltage Definitions for the Differential Output Signal
0.5 pF
A/Y
B/Z
24.9
Ω ±1%
(2 Places)
1 V
tPZH
tPHZ
tPZL
tPLZ
VCC
VCC/2
0 V
∼ 0.6 V
0.1 V
0 V
∼ –0.6 V
0 V
–0.1 V
DE
Output With
D at VCC
Output
0 V or VCC
DE
+
Output With
D at 0 V
CL
NOTE: All input pulses are supplied by a generator having the following characteristics: tr or tf ≤1 ns, pulse repetition rate (PRR) = 0.25 Mpps,
pulse width = 500
±10 ns. CL includes instrumentation and fixture capacitance within 0,06 m of the D.U.T.
Figure 6. Driver Enable and DIsable Time Circuit and Definitions


Similar Part No. - SN65MLVD204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD204 TI1-SN65MLVD204 Datasheet
1Mb / 31P
[Old version datasheet]   MULTIPOINT?밚VDS LINE DRIVERS AND RECEIVERS
SN65MLVD204A TI-SN65MLVD204A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD204A TI-SN65MLVD204A Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD204AD TI-SN65MLVD204AD Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD204AD TI-SN65MLVD204AD Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results

Similar Description - SN65MLVD204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD200 TI1-SN65MLVD200_15 Datasheet
1Mb / 31P
[Old version datasheet]   MULTIPOINT?밚VDS LINE DRIVERS AND RECEIVERS
SN65MLVD200B TI1-SN65MLVD200B Datasheet
177Kb / 7P
[Old version datasheet]   Multipoint-LVDS Line Drivers and Receivers With IEC ESD Protection
SN65MLVD206B TI1-SN65MLVD206B Datasheet
1Mb / 36P
[Old version datasheet]   Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD204B TI-SN65MLVD204B Datasheet
2Mb / 50P
[Old version datasheet]   SN65MLVD204B Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD204B TI-SN65MLVD204B_V01 Datasheet
2Mb / 50P
[Old version datasheet]   SN65MLVD204B Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
[Old version datasheet]   Multipoint-LVDS Line Driver and Receiver
logo
Pericom Semiconductor C...
PI90LV179 PERICOM-PI90LV179 Datasheet
242Kb / 14P
   3.3V LVDS High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com