Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV310 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV310
Description  Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV310 Datasheet(HTML) 1 Page - Supertex, Inc

  HV310_09 Datasheet HTML 1Page - Supertex, Inc HV310_09 Datasheet HTML 2Page - Supertex, Inc HV310_09 Datasheet HTML 3Page - Supertex, Inc HV310_09 Datasheet HTML 4Page - Supertex, Inc HV310_09 Datasheet HTML 5Page - Supertex, Inc HV310_09 Datasheet HTML 6Page - Supertex, Inc HV310_09 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
HV310
Features
PWRGD = Active Low
-10V to -90V input voltage range
Few external components
0.33mA typical standby supply current
Programmable over/under voltage limits with
hysteresis
Programmable current limit
Active control during all phases of start-up
Programmable timing
8-Lead SOIC package
Applications
Central office switching
Servers
POTS line cards
ISDN line cards
xDSL line cards
PBX Systems
Powered Ethernet for VoIP
Distributed power systems
Negative power supply control
Antenna and fixed wireless systems
General Description
The Supertex HV310, Hotswap Controller, Negative Supply controls the power
supply connection during insertion of cards or modules into live backplanes.
It may be used in traditional ‘negative 48V’ powered systems or for higher
voltage busses up to negative 90V.
Operation during the initial power up prevents turn-on glitches, and after
complete charging of load capacitors (typically found in filters at the input
of DC-DC converters) the HV310 issues a power good signal. This signal is
typically used to enable the DC-DC converter. Once a PWRGD signal has
been established, the device sleeps in a low power state, important for large
systems with many individual hotswap cards or modules.
An external power MOSFET is required as the pass element, plus a ramp
capacitor, and resistors to establish current limiting and over and under voltage
lockouts. There is no need for additional external snubber components.
Features are programmable over voltage and under voltage detection of the
input voltage which locks out the load connection if the bus (input) voltage
is out of range. An internal voltage regulator creates a stable reference,
and maintains accurate gate drive voltage. The unique control loop scheme
provides full current control and limiting during start up.
Theory of Operation
Initially the external N-channel MOSFET is held off by the gate signal,
preventing an input glitch. After a delay (while internal circuits are activated)
the inrush current to the load is limited by the gate control output. The current
may ramp up and limit at a maximum value programmed by an external
resistor. Initial time delay, to allow for contact bounce, and charging operation
is determined by the single external ramp capacitor connected to the RAMP
pin. When the load capacitor is fully charged, the controller emerges from
current limit mode, an additional time delay occurs before the external N-
channel MOSFET pass transistor is switched to full conduction, and the
PWRGD output signal is activated. The controller will then transition to a low
power standby mode.
Typical Application Circuit
Hotswap, Inrush Current Limiter Controllers
(Negative Supply Rail)
VDD
UV
OV
VEE
SENSE GATE
-48V
R4
50mΩ
R1
487kΩ
R2
6.81kΩ
R3
9.76kΩ
Q1
IRF530
C
LOAD
+5V
HV310
8
3
2
4
7
COM
DC/DC
PWM
CONVERTER
1
GND
PWRGD
ENABLE
5
RAMP
6
C1
10nF
GND
Long Pin
Short Pin
Jumper
Long Pin
NOTES: 1. Undervoltage Shutdown (UV) set to 35V.
2. Overvoltage Shutdown (OV) set to 65V.
3. Remove jumper if short pin is used.


Similar Part No. - HV310_09

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV310LG SUTEX-HV310LG Datasheet
78Kb / 6P
   Hotswap, Inrush Current Limiter Controllers
More results

Similar Description - HV310_09

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV300 SUTEX-HV300_09 Datasheet
705Kb / 7P
   Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV100 SUTEX-HV100_07 Datasheet
591Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV101 SUTEX-HV101_13 Datasheet
832Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV100 SUTEX-HV100_13 Datasheet
838Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV300 SUTEX-HV300 Datasheet
78Kb / 6P
   Hotswap, Inrush Current Limiter Controllers
HV100 SUTEX-HV100 Datasheet
83Kb / 5P
   3-Pin Hotswap, Inrush Current Limiter Controllers
HV111 SUTEX-HV111 Datasheet
551Kb / 9P
   Inrush Limiter/Circuit Breaker/Hotswap Controller IC
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
   Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
   AC INRUSH CURRENT LIMITER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com