Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR204G Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # FR204G
Description  FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

FR204G Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  FR204G Datasheet HTML 1Page - SUNMATE electronic Co., LTD FR204G Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
20
40
60
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
A
°
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
0.01
0.1
1.0
10
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25 C
j
°
Pulse width = 300 s
µ
2 of 2
www.sunmate.tw


Similar Part No. - FR204G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR204G RECTRON-FR204G Datasheet
24Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Zibo Seno Electronic En...
FR204G ZSELEC-FR204G Datasheet
118Kb / 2P
   2.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Galaxy Semi-Conductor H...
FR204G BILIN-FR204G Datasheet
76Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Sangdest Microelectroni...
FR204G SMC-FR204G Datasheet
177Kb / 4P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Jinan Gude Electronic D...
FR204G JGD-FR204G Datasheet
138Kb / 2P
   2.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results

Similar Description - FR204G

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
FR151G SUNMATE-FR151G Datasheet
330Kb / 2P
   FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
PR1501G SUNMATE-PR1501G Datasheet
287Kb / 2P
   FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
PR2001G SUNMATE-PR2001G Datasheet
266Kb / 2P
   FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
SRGPP3J SUNMATE-SRGPP3J Datasheet
301Kb / 2P
   GLASS PASSIVATED FAST RECOVER Y RECTIFIER DIODES
PR1001G SUNMATE-PR1001G Datasheet
336Kb / 2P
   FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
FR101G SUNMATE-FR101G Datasheet
313Kb / 2P
   FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
PR3001G SUNMATE-PR3001G Datasheet
259Kb / 2P
   FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
FR301G SUNMATE-FR301G Datasheet
261Kb / 2P
   FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
FR601G SUNMATE-FR601G Datasheet
321Kb / 2P
   FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
   FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com