Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR154G Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # FR154G
Description  FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

FR154G Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  FR154G Datasheet HTML 1Page - SUNMATE electronic Co., LTD FR154G Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR157G
FR156G
FR155G
FR153G FR154G
FR152G
FR151G - FR157G
CURRENT: 1.5 A
VOLTAGE RANGE: 50 - 1000V
Features
Low Reverse Recovery Time (Trr)
Low Reverse Current
Low Forward Voltage Drop
High Current Capability
Plastic Material: UL Flammability
Classification Rating 94V-0
Notes:
1. Reverse Recovery Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Measured at 1.0MHz applied reverse voltage of 4.0V.
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Case: DO-15, Molded Plastic
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.4 grams (approx.)
Mounting Position: Any
Marking: Type Number
Mechanical Data
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
9.5mm Lead Length
@ TA = 75
°C
I(AV)
1.5
A
Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC method)
IFM
60
A
Maximum Instantaneous Forward Voltage
@ 1.5A DC
VF
1.3
V
Maximum DC Reverse Current at rated
DC Blocking Voltage
@ TA = 25
°C
IR
5.0
mA
Maximum Full Load Reverse Current Full Cycle
Average 9.5 mm lead length
@ TL = 55
°C
IR
100
mA
Maximum Reverse Recovery Time (Note 1)
TRR
150
250
500
nS
Typical Junction Capacitance (Note 2)
CJ
25
pF
Operating and Storage Temperature Range
TJ,TSTG
-65 to +175
°C
Characteristic
Symbol
Unit
FR151G
FAST RECOVERYGLASS PASSIVATED RECTIFIER DIODES
Glass passivated device
!
!
!
!
!
!
!
!
!
!
!
1 of 2
www.sunmate.tw
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
B
5.50
7.62
C
0.686
0.889
D
2.60
3.60
All Dimensions in mm


Similar Part No. - FR154G

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
FR154G SHUNYE-FR154G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Rectron Semiconductor
FR154G RECTRON-FR154G Datasheet
240Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
DAESAN ELECTRONIC CORP.
FR154G DAESAN-FR154G Datasheet
315Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
logo
List of Unclassifed Man...
FR154G ETC2-FR154G Datasheet
117Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Formosa MS
FR154G FORMOSA-FR154G Datasheet
106Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
More results

Similar Description - FR154G

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
PR1501G SUNMATE-PR1501G Datasheet
287Kb / 2P
   FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
PR2001G SUNMATE-PR2001G Datasheet
266Kb / 2P
   FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
SRGPP3J SUNMATE-SRGPP3J Datasheet
301Kb / 2P
   GLASS PASSIVATED FAST RECOVER Y RECTIFIER DIODES
FR201G SUNMATE-FR201G Datasheet
300Kb / 2P
   FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
PR1001G SUNMATE-PR1001G Datasheet
336Kb / 2P
   FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
FR101G SUNMATE-FR101G Datasheet
313Kb / 2P
   FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
PR3001G SUNMATE-PR3001G Datasheet
259Kb / 2P
   FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
FR301G SUNMATE-FR301G Datasheet
261Kb / 2P
   FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
FR601G SUNMATE-FR601G Datasheet
321Kb / 2P
   FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
   FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com