Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV7100 Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV7100
Description  24/48V Fan Driver/Controller With High-Side Drive
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7100 Datasheet(HTML) 7 Page - Supertex, Inc

  HV7100_13 Datasheet HTML 1Page - Supertex, Inc HV7100_13 Datasheet HTML 2Page - Supertex, Inc HV7100_13 Datasheet HTML 3Page - Supertex, Inc HV7100_13 Datasheet HTML 4Page - Supertex, Inc HV7100_13 Datasheet HTML 5Page - Supertex, Inc HV7100_13 Datasheet HTML 6Page - Supertex, Inc HV7100_13 Datasheet HTML 7Page - Supertex, Inc HV7100_13 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Supertex inc.
www.supertex.com
Doc.# DSFP-HV7100
B072413
HV7100
Pin Description
Pin #
Function
Description
1
VDD
Output of an internal linear voltage regulator, which in turn is powered by V
PP. It provides
power to the internal low-side (ground referenced) circuitry. An external voltage may be
applied to this pin, provided it is higher than 3.6V but less than 5.5V. Bypass this pin with a
100nF ceramic capacitor to ground.
2
LIN
A DC voltage ranging from 0.5 to 2.5V sets the duty cycle of the gate output from 0% to 100%.
This input is immune to moderate noise on the control signal.
3
DIN0
Applying 0000 to 1111 to these logic input pins sets the duty cycle of the gate output from 0 to
100%. A 1-bit increment is equal to 6.67% increment in duty cycle. See Table 1 on page 5.
4
DIN1
5
DIN2
6
DIN3
7
EN
Enable input. A logic high applied to this input enables the output.
8
GND
Ground return for all the internal circuitry. This pin must be electrically connected to the ground
of the power train and logic return.
9
CT
In conjunction with RT, a capacitor from this pin to ground sets PWM frequency. A triangle
wave appears on this pin, with an amplitude of 0.5 - 2.5V and at the PWM frequency.
10
RT
In conjunction with CT, a resistor from this pin to ground sets PWM frequency.
11
VGATE
This is the output pin of the internal linear regulator that biases the gate drive circuit. Bypass
with 100nF ceramic capacitor to VPP.
12
VPP1
Supply voltage pins. Both must be connected to the supply voltage (+24V/+48V). Connect
together as close as possible to the IC. Bypass locally with a ceramic capacitor to ground.
13
VPP2
14
OUT
This pin is the output gate driver for an external P-channel power MOSFET.


Similar Part No. - HV7100_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7100 SUTEX-HV7100 Datasheet
282Kb / 7P
   24V/48V Fan Driver/Controller With High-Side Drive
More results

Similar Description - HV7100_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7100 SUTEX-HV7100 Datasheet
282Kb / 7P
   24V/48V Fan Driver/Controller With High-Side Drive
logo
ORION FANS
OD172SAPL ORIONFANS-OD172SAPL Datasheet
648Kb / 1P
   DC Fan - 12, 24, 48V
logo
TRINAMIC Motion Control...
SIXPACK2 TRINAMIC-SIXPACK2 Datasheet
322Kb / 1P
   6-Axis Controller/Driver 1.4A/48V
TMCM-102 TRINAMIC-TMCM-102 Datasheet
324Kb / 1P
   1-Axis Controller/Driver 3.5A/48V with Encoder Inf
logo
ORION FANS
OD1238VXC ORIONFANS-OD1238VXC Datasheet
264Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238XC ORIONFANS-OD1238XC_16 Datasheet
242Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238VA ORIONFANS-OD1238VA_17 Datasheet
264Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
logo
SMSC Corporation
EMC2105 SMSC-EMC2105_09 Datasheet
1Mb / 89P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105 Datasheet
1Mb / 90P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
logo
ORION FANS
OD127 ORIONFANS-OD127 Datasheet
107Kb / 1P
   DC Fan - 12, 24, 48V 127x38.5mm (5.0?쓝 1.5??
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com