Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3995ITL-3.0/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP3995ITL-3.0/NOPB
Description  Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3995ITL-3.0/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LP3995ITL-3.0/NOPB Datasheet HTML 1Page - Texas Instruments LP3995ITL-3.0/NOPB Datasheet HTML 2Page - Texas Instruments LP3995ITL-3.0/NOPB Datasheet HTML 3Page - Texas Instruments LP3995ITL-3.0/NOPB Datasheet HTML 4Page - Texas Instruments LP3995ITL-3.0/NOPB Datasheet HTML 5Page - Texas Instruments LP3995ITL-3.0/NOPB Datasheet HTML 6Page - Texas Instruments LP3995ITL-3.0/NOPB Datasheet HTML 7Page - Texas Instruments LP3995ITL-3.0/NOPB Datasheet HTML 8Page - Texas Instruments LP3995ITL-3.0/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1 IN
2 GND
3 EN
OUT 6
BYPASS 4
N/C 5
Device
Code
IN 1
GND 2
EN 3
6 OUT
4 BYPASS
5 N/C
PAD
GND
PAD
GND
A3
C3
A1
B2
C1
BYPASS
IN
EN
GND
OUT
A3
C3
A1
B2
C1
BYPASS
IN
EN
GND
OUT
LP3995
www.ti.com
SNVS179F – FEBRUARY 2003 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
YZR Package
5-Pin DSBGA
Top View
NGD Package
6-Pin WSON
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
WSON
DSBGA
Bypass capacitor connection.
BYPASS
4
A3
Connect a 0.01-µF capacitor for noise reduction.
Enable input; Disables the regulator when
≤ 0.4 V.
EN
3
A1
Input
Enables the regulator when
≥ 0.9 V.
GND
2
B2
Ground
Common ground
The exposed thermal pad on the bottom of the WSON package should be
connected to a copper thermal pad on the PCB under the package. The use of
thermal vias to remove heat from the package into the PCB is recommended.
Thermal
Connect the exposed thermal pad to ground potential or leave floating. Do not
GND
Ground
Pad
connect the thermal pad to any potential other than the same ground potential
seen at device pin 2. For additional information on using TI's non pull-back WSON
package, see TI Application Note AN- 1187 Leadless Leadframe Package (LLP)
(SNOA401).
IN
1
C3
Input
Voltage supply input
N/C
5
No internal connection. This pin can be connected to GND, or left open.
OUT
6
C1
Output
Voltage output. Connect this output to the load circuit.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3995


Similar Part No. - LP3995ITL-3.0/NOPB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP3995ITL-3.0/NOPB INTERSIL-LP3995ITL-3.0/NOPB Datasheet
348Kb / 16P
   Micropower 150mA CMOS Voltage Regulator with Active Shutdown
More results

Similar Description - LP3995ITL-3.0/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3995 TI-LP3995_15 Datasheet
1Mb / 28P
[Old version datasheet]   LP3995 Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
logo
National Semiconductor ...
LP3995 NSC-LP3995 Datasheet
355Kb / 14P
   Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Intersil Corporation
LP3995 INTERSIL-LP3995 Datasheet
348Kb / 16P
   Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Texas Instruments
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3988-Q1 TI1-LP3988-Q1_16 Datasheet
433Kb / 15P
[Old version datasheet]   Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
LP3988-Q1 TI-LP3988-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
logo
National Semiconductor ...
LP3992 NSC-LP3992 Datasheet
245Kb / 9P
   Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
logo
Microchip Technology
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
logo
Texas Instruments
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
[Old version datasheet]   Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com