Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3981IMM-3.3 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3981IMM-3.3
Description  Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3981IMM-3.3 Datasheet(HTML) 1 Page - Texas Instruments

  LP3981IMM-3.3 Datasheet HTML 1Page - Texas Instruments LP3981IMM-3.3 Datasheet HTML 2Page - Texas Instruments LP3981IMM-3.3 Datasheet HTML 3Page - Texas Instruments LP3981IMM-3.3 Datasheet HTML 4Page - Texas Instruments LP3981IMM-3.3 Datasheet HTML 5Page - Texas Instruments LP3981IMM-3.3 Datasheet HTML 6Page - Texas Instruments LP3981IMM-3.3 Datasheet HTML 7Page - Texas Instruments LP3981IMM-3.3 Datasheet HTML 8Page - Texas Instruments LP3981IMM-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
IN
BYPASS
LP3981
2.2 µF
EN
OUT-SENSE
OUT
2(2)
7(6)
1(1)
4(3)
6(5)
5(4)
2.2 µF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
LP3981
SNVS159H – OCTOBER 2001 – REVISED JULY 2015
LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
1 Features
3 Description
Performance of the LP3981 device is optimized for
1
2.5-V to 6-V Input Range
battery-powered systems to deliver ultra-low-noise,
300-mA Output Current
extremely low dropout voltage, and low quiescent
60-dB PSRR at 1 kHz
current. Regulator ground current increases only
slightly in dropout, further prolonging the battery life.
≤ 1-μA Quiescent Current When Shut Down
Fast Turnon Time: 120
μs (typical) with CBYPASS =
Power supply rejection is better than 60 dB at low
0.01 µF
frequencies. This high power supply rejection is
maintained down to lower input voltage levels
132-mV Typical Dropout with 300-mA Load
common to battery-operated circuits.
35-
μVrms Output Noise Over 10 Hz to 100 kHz
The device is ideal for mobile phone and similar
Logic Controlled Enable
battery-powered wireless applications. It provides up
Stable With Ceramic and High-Quality Tantalum
to 300 mA, from a 2.5-V to 6-V input, consuming less
Capacitors
than 1 µA in disable mode.
Thermal Shutdown and Short-Circuit Current Limit
The LP3981 is available in 8-pin VSSOP-8 and 6-pin
Low Thermal Resistance in WSON-6 Package
WSON packages. Performance is specified for
−40°C
Gives Excellent Power Capability
to +125°C temperature range. The device available in
the following output voltages: 2.5 V, 2.7 V, 2.8 V,
2.83 V, 3 V, 3.03 V and 3.3 V as standard. Other
2 Applications
output options can be made available; contact your
CDMA Cellular Handsets
local TI sales office for more information.
Wideband CDMA Cellular Handsets
Device Information(1)
GSM Cellular Handsets
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Portable Information Appliances
WSON (6)
4.00 mm x 3.00 mm
LP3981
VSSOP (8)
3.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
Note: Pin numbers in parenthesis indicate WSON package.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP3981IMM-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3981IMM-3.3 TI-LP3981IMM-3.3	 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3981IMM-3.3 NSC-LP3981IMM-3.3 Datasheet
339Kb / 11P
   Micropower, 300mA Ultra Low-Dropout CMOS Voltage
logo
Texas Instruments
LP3981IMM-3.3 TI-LP3981IMM-3.3 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981IMM-3.3 TI-LP3981IMM-3.3 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981IMM-3.3 TI-LP3981IMM-3.3 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP3981IMM-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3981 TI-LP3981_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982 TI-LP3982_15 Datasheet
839Kb / 25P
[Old version datasheet]   LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982IMM-1.8 TI-LP3982IMM-1.8 Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-ADJ TI-LP3982IMM-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMMX-ADJ TI-LP3982IMMX-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Texas Instruments
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
[Old version datasheet]   Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com