Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3982IMM-1.8 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP3982IMM-1.8
Description  Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3982IMM-1.8 Datasheet(HTML) 5 Page - Texas Instruments

  LP3982IMM-1.8 Datasheet HTML 1Page - Texas Instruments LP3982IMM-1.8 Datasheet HTML 2Page - Texas Instruments LP3982IMM-1.8 Datasheet HTML 3Page - Texas Instruments LP3982IMM-1.8 Datasheet HTML 4Page - Texas Instruments LP3982IMM-1.8 Datasheet HTML 5Page - Texas Instruments LP3982IMM-1.8 Datasheet HTML 6Page - Texas Instruments LP3982IMM-1.8 Datasheet HTML 7Page - Texas Instruments LP3982IMM-1.8 Datasheet HTML 8Page - Texas Instruments LP3982IMM-1.8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LP3982
www.ti.com
SNVS185E – FEBRUARY 2002 – REVISED OCTOBER 2015
6.5 Electrical Characteristics
Unless otherwise specified, all limits are specified for VIN = VOUT + 0.5 V
(1), V
SHDN = VIN, CIN = COUT = 2.2 μF, CCC = 33 nF, TJ
= 25°C.
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
VIN
Input voltage
For operating temperature extremes:
2.5
6
V
−40°C to 85°C
100
μA ≤ IOUT ≤ 300 mA
VIN = VOUT + 0.5 V
(1)
−2
2
% of VOUT
SET = OUT for the ADJ Versions
ΔVOUT
Output voltage tolerance
(NOM)
For operating temperature extremes:
−3
3
−40°C to 85°C
Output adjust range
ADJ version only;
VOUT
for operating temperature extremes:
1.25
6
V
−40°C to 85°C
Maximum output current
Average DC current rating;
IOUT
For operating temperature extremes:
300
mA
−40°C and 85°C
Output current limit
770
ILIMIT
mA
For operating temperature extremes:
330
−40°C to 85°C
IOUT = 0 mA
90
IOUT = 0 mA;
Supply current
for operating temperature extremes:
270
μA
IQ
−40°C to 85°C
IOUT = 300 mA
225
Shutdown supply current
VO = 0 V, SHDN = GND
0.001
1
μA
IOUT = 1 mA
0.4
IOUT = 200 mA
80
IOUT = 200 mA;
VDO
Dropout voltage(1)(4)
mV
for operating temperature extremes:
220
−40°C to 85°C
IOUT = 300 mA
120
IOUT = 1 mA,
0.01
(VOUT + 0.5 V) ≤ VI ≤ 6 V
(1)
IOUT = 1 mA, (VOUT + 0.5 V) ≤ VI ≤ 6
Line regulation
%/V
ΔVOUT
V(1);
−0.1
0.1
for operating temperature extremes:
−40°C to 85°C
Load regulation
100
μA ≤ IOUT ≤ 300 mA
0.002
%/mA
Output voltage noise
IOUT = 10 mA, 10 Hz ≤ f ≤ 100 kHz
37
μVRMS
en
Output voltage noise density
10 Hz
≤ f ≤ 100 kHz, COUT = 10 μF
190
nV/
√Hz
VIH, (VOUT + 0.5 V) ≤ VIN ≤ 6 V
(1);
for operating temperature extremes:
2
−40°C to 85°C
VSHDN
SHDN input threshold
V
VIL, (VOUT + 0.5 V) ≤ VIN ≤ 6 V
(1);
for operating temperature
0.4
extremes:
−40°C to 85°C
ISHDN
SHDN input bias current
SHDN = GND or IN
0.1
100
nA
ISET
SET input leakage
SET = 1.3 V, ADJ version only(5)
0.1
2.5
nA
(1)
Condition does not apply to input voltages below 2.5 V because this is the minimum input operating voltage.
(2)
All limits are verified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm.
(4)
Dropout voltage is measured by reducing VIN until VOUT drops 100 mV from its nominal value at VIN – VOUT = 0.5 V. Dropout voltage
does not apply to the 1.8-V version.
(5)
The SET pin is not externally connected for the fixed versions.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3982


Similar Part No. - LP3982IMM-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3982IMM-1.8 NSC-LP3982IMM-1.8 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
Texas Instruments
LP3982IMM-1.8 TI-LP3982IMM-1.8 Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-1.8 TI-LP3982IMM-1.8 Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-1.8 TI-LP3982IMM-1.8 Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
More results

Similar Description - LP3982IMM-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3982 TI-LP3982_15 Datasheet
839Kb / 25P
[Old version datasheet]   LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982IMM-1.8 TI-LP3982IMM-1.8 Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-ADJ TI-LP3982IMM-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMMX-ADJ TI-LP3982IMMX-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3981 TI1-LP3981_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3981 TI-LP3981_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
[Old version datasheet]   LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com