Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3982 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP3982
Description  Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3982 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3982_16 Datasheet HTML 3Page - Texas Instruments LP3982_16 Datasheet HTML 4Page - Texas Instruments LP3982_16 Datasheet HTML 5Page - Texas Instruments LP3982_16 Datasheet HTML 6Page - Texas Instruments LP3982_16 Datasheet HTML 7Page - Texas Instruments LP3982_16 Datasheet HTML 8Page - Texas Instruments LP3982_16 Datasheet HTML 9Page - Texas Instruments LP3982_16 Datasheet HTML 10Page - Texas Instruments LP3982_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
10
100
1k
10k
100k
FREQUENCY (Hz)
-70
-60
-50
-40
-30
-20
-10
0
0
50
100
150
200
250
300
LOAD CURRENT (mA)
0
50
100
150
200
250
85°C
25°C
-40°C
0
1
2
3
4
5
INPUT VOLTAGE (V)
0
20
40
60
80
100
240
6
120
140
160
180
200
220
IL = 0mA
TA = 85°C
TA = 25°C
TA = -40°C
0
50
100
150
200
250
300
0
20
40
60
80
100
120
140
160
180
LOAD CURRENT (mA)
FAULT = HIGH
FAULT = LOW
0
50
100
150
200
250
300
LOAD CURRENT (mA)
0
20
40
60
80
100
120
140
VO = 2.77V
VO = 2.5V
VO = 3.3V
0
50
100
150
200
250
300
LOAD CURRENT (mA)
0
20
40
60
80
100
120
140
160
85°C
25°C
-40°C
LP3982
www.ti.com
SNVS185E – FEBRUARY 2002 – REVISED OCTOBER 2015
6.6 Typical Characteristics
Unless otherwise specified, VIN = VO + 0.5 V, CIN = COUT = 2.2 μF, CCC = 33 nF, TJ = 25°C, VSHDN = VIN.
Figure 2. Dropout Voltage vs Load Current
Figure 1. Dropout Voltage vs Load Current
(for Different Output Temperatures)
(for Different Output Voltages)
Figure 3. FAULT Detect Threshold vs Load Current
Figure 4. Supply Current vs Input Voltage
Figure 5. Supply Current vs Load Current
Figure 6. Power Supply Rejection Ratio vs Frequency
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3982


Similar Part No. - LP3982_16

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3982-15J5F POWER-LP3982-15J5F Datasheet
378Kb / 8P
   300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3982-18J5F POWER-LP3982-18J5F Datasheet
378Kb / 8P
   300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
logo
Texas Instruments
LP3982 TI-LP3982_15 Datasheet
839Kb / 25P
[Old version datasheet]   LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
More results

Similar Description - LP3982_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3982 TI-LP3982_15 Datasheet
839Kb / 25P
[Old version datasheet]   LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982IMM-1.8 TI-LP3982IMM-1.8 Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-ADJ TI-LP3982IMM-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMMX-ADJ TI-LP3982IMMX-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3981 TI1-LP3981_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3981 TI-LP3981_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
[Old version datasheet]   LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com