Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62128V18L-200SI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62128V18L-200SI
Description  128K x 8 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128V18L-200SI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62128V18L-200SI Datasheet HTML 1Page - Cypress Semiconductor CY62128V18L-200SI Datasheet HTML 2Page - Cypress Semiconductor CY62128V18L-200SI Datasheet HTML 3Page - Cypress Semiconductor CY62128V18L-200SI Datasheet HTML 4Page - Cypress Semiconductor CY62128V18L-200SI Datasheet HTML 5Page - Cypress Semiconductor CY62128V18L-200SI Datasheet HTML 6Page - Cypress Semiconductor CY62128V18L-200SI Datasheet HTML 7Page - Cypress Semiconductor CY62128V18L-200SI Datasheet HTML 8Page - Cypress Semiconductor CY62128V18L-200SI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY62128V Family
2
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied ............................................. –55°C to +125°C
Supply Voltage to Ground Potential
(Pin 28 to Pin 14) ........................................... –0.5V to +4.6V
DC Voltage Applied to Outputs
in High Z State[1] ....................................–0.5V to VCC + 0.5V
DC Input Voltage[1].................................–0.5V to VCC + 0.5V
Output Current into Outputs (LOW) ............................. 20 mA
Static Discharge Voltage .......................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current .................................................... >200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
1.6V to 3.6V
Industrial
–40°C to +85°C
1.6V to 3.6V
Product Portfolio
VCC Range
Power Dissipation (Commercial)
Operating (ICC)
Standby (ISB2)
Product
Min.
Typ.[2]
Max.
Speed
Typ.[2]
Maximum
Typ.[2]
Maximum
CY62128V
2.7V
3.0V
3.6V
55, 70 ns
20 mA
40 mA
0.4
µA
100
µA (XL = 10 µA)
CY62128V25
2.3V
2.5V
2.7V
100 ns
15 mA
20 mA
0.3
µA
50
µA (LL = 12 µA)
CY62128V18
1.6V
1.8V
2.0V
200 ns
10 mA
15 mA
0.3
µA
30
µA (LL = 10 µA)
Electrical Characteristics Over the Operating Range
CY62128V-55/70
Parameter
Description
Test Conditions
Min.
Typ.[2]
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –1.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 2.1 mA
0.4
V
VIH
Input HIGH Voltage
2
VCC
+0.5V
V
VIL
Input LOW Voltage
–0.5
0.8
V
IIX
Input Load Current
GND < VI < VCC
–1
±1
+1
µA
IOZ
Output Leakage Current
GND < VO < VCC, Output Disabled
–1
±1
+1
µA
ICC
VCC Operating Supply
Current
VCC = Max.,
IOUT = 0 mA,
f = fMAX = 1/tRC
Com’l,
70 ns
L
20
40
mA
LL, XL
20
40
Ind’l,
55 ns
LL
23
50
Ind’l,
70 ns
L
20
40
LL
20
40
ISB1
Automatic CE
Power-Down Current—
TTL Inputs
Max. VCC, CE > VIH,
VIN > VIH or
VIN < VIL, f = fMAX
Com’l,
70 ns
L
15
300
µA
LL, XL
15
300
Coml,
55 ns
LL
17
350
Ind’l
L
15
300
LL
15
300
Notes:
1.
VIL (min.) = –2.0V for pulse durations of less than 20 ns.
2.
Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC Typ., TA = 25°C.


Similar Part No. - CY62128V18L-200SI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128V18L-200ZAI CYPRESS-CY62128V18L-200ZAI Datasheet
344Kb / 12P
   128K x 8 Static RAM
CY62128V18L-200ZC CYPRESS-CY62128V18L-200ZC Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results

Similar Description - CY62128V18L-200SI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com