Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP395 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP395
Description  Ultra Reliable Power Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP395 Datasheet(HTML) 2 Page - Texas Instruments

  LP395 Datasheet HTML 1Page - Texas Instruments LP395 Datasheet HTML 2Page - Texas Instruments LP395 Datasheet HTML 3Page - Texas Instruments LP395 Datasheet HTML 4Page - Texas Instruments LP395 Datasheet HTML 5Page - Texas Instruments LP395 Datasheet HTML 6Page - Texas Instruments LP395 Datasheet HTML 7Page - Texas Instruments LP395 Datasheet HTML 8Page - Texas Instruments LP395 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LP395
SNOSBF3C – APRIL 1998 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
Collector to Emitter Voltage
36V
Collector to Base Voltage
36V
Base to Emitter Voltage (Forward)
36V
Base to Emitter Voltage (Reverse)
10V
Base to Emitter Current (Reverse)
20 mA
Collector Current Limit
Internally Limited
Power Dissipation
Internally Limited
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Lead Temp. (Soldering, 10 seconds)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.
ELECTRICAL CHARACTERISTICS
Tested Limit Design Limit
Units
Symbol
Parameter
Conditions
Typical
(1)
(2)
(Limit)
VCE
Collector to Emitter
0.5 mA
≤ IC ≤ 100 mA
36
36
V(Max)
Operating Voltage
(3)
ICL
Collector Current Limit
VBE = 2V, VCE = 36V
45
25
20
mA(Min)
(4)
VBE = 2V, VCE = 15V
90
60
50
mA(Min)
VBE = 2V, 2V ≤ VCE ≤ 6V
130
100
100
mA(Min)
IB
Base Current
0
≤ IC ≤ 100 mA
−0.3
−2.0
−2.5
μA(Max)
IQ
Quiescent Current
VBE = 0V, 0 ≤ VCE ≤ 36V
0.24
0.50
0.60
mA(Max)
VCE(SAT)
Saturation Voltage
VBE = 2V, IC = 100 mA
1.82
2.00
2.10
V(Max)
BVBE
Base to Emitter Break-
0
≤ VCE ≤ 36V, IB = 2 μA
36
36
V(Min)
down Voltage (4)
VBE
Base to Emitter Voltage
IC = 5 mA
0.69
0.79
0.90
V(Max)
(5)
IC = 100 mA
(4)
1.02
1.40
V (Max)
tS
Switching Time
VCE = 20V, RL = 200Ω
2
μs
VBE = 0V, +2V, 0V
θJA
Thermal Resistance
0.4
″ leads soldered to
150
180
°C/W
Junction to Ambient
printed circuit board
(Max)
0.125
″ leads soldered to
130
160
°C/W
printed circuit board
(Max)
(1)
Specified and 100% production tested.
(2)
Specified (but not 100% production tested) over the operating temperature and supply voltage ranges. These limits are not used to
calculate outgoing quality levels.
(3)
Parameters identified with boldface type apply at temp. extremes. All other numbers, unless noted apply at +25°C.
(4)
These numbers apply for pulse testing with a low duty cycle.
(5)
Base positive with respect to emitter.
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LP395


Similar Part No. - LP395

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP395 NSC-LP395 Datasheet
130Kb / 5P
   Ultra Reliable Power Transistor
LP3950 NSC-LP3950 Datasheet
1Mb / 31P
   Color LED Driver with Audio Synchronizer
logo
Texas Instruments
LP3950 TI1-LP3950 Datasheet
1Mb / 38P
[Old version datasheet]   Color LED Driver with Audio Synchronizer
logo
National Semiconductor ...
LP3950SL NSC-LP3950SL Datasheet
1Mb / 31P
   Color LED Driver with Audio Synchronizer
logo
Texas Instruments
LP3950SL/NOPB TI1-LP3950SL/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   Color LED Driver with Audio Synchronizer
More results

Similar Description - LP395

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP395 NSC-LP395 Datasheet
130Kb / 5P
   Ultra Reliable Power Transistor
LM195 NSC-LM195 Datasheet
421Kb / 13P
   Ultra Reliable Power Transistors
logo
Texas Instruments
LM195 TI1-LM195_13 Datasheet
1Mb / 20P
[Old version datasheet]   Ultra Reliable Power Transistors
LM195QML TI1-LM195QML_13 Datasheet
910Kb / 16P
[Old version datasheet]   Ultra Reliable Power Transistors
logo
National Semiconductor ...
LM295 NSC-LM295 Datasheet
230Kb / 11P
   Ultra Reliable Power Transistors
logo
Texas Instruments
LM195QML TI1-LM195QML Datasheet
347Kb / 18P
[Old version datasheet]   LM195QML Ultra Reliable Power Transistors
logo
TDK Electronics
LDV12-12-1R0 TDK-LDV12-12-1R0 Datasheet
1Mb / 4P
   INNOVATING RELIABLE POWER
LDV12-15-R80 TDK-LDV12-15-R80 Datasheet
1Mb / 4P
   INNOVATING RELIABLE POWER
LDV12-24-R50 TDK-LDV12-24-R50 Datasheet
1Mb / 4P
   INNOVATING RELIABLE POWER
logo
NXP Semiconductors
DEVKIT-MPC5748G NXP-DEVKIT-MPC5748G Datasheet
1Mb / 23P
   Ultra-Reliable MCUs for Industrial and Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com