Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2350 Datasheet(PDF) 22 Page - Texas Instruments

Part # LMX2350
Description  PLLatinum Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2350 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMX2350 Datasheet HTML 15Page - Texas Instruments LMX2350 Datasheet HTML 16Page - Texas Instruments LMX2350 Datasheet HTML 17Page - Texas Instruments LMX2350 Datasheet HTML 18Page - Texas Instruments LMX2350 Datasheet HTML 19Page - Texas Instruments LMX2350 Datasheet HTML 20Page - Texas Instruments LMX2350 Datasheet HTML 21Page - Texas Instruments LMX2350 Datasheet HTML 22Page - Texas Instruments LMX2350 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT AND GENERAL
COUNSEL OF NATIONAL SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant
into the body, or (b) support or sustain life, and
whose failure to perform when properly used in
accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a
significant injury to the user.
2. A critical component is any component of a life
support device or system whose failure to perform
can be reasonably expected to cause the failure of
the life support device or system, or to affect its
safety or effectiveness.
National Semiconductor
Corporation
Americas
Email: support@nsc.com
National Semiconductor
Europe
Fax: +49 (0) 180-530 85 86
Email: europe.support@nsc.com
Deutsch Tel: +49 (0) 69 9508 6208
English
Tel: +44 (0) 870 24 0 2171
Français Tel: +33 (0) 1 41 91 8790
National Semiconductor
Asia Pacific Customer
Response Group
Tel: 65-2544466
Fax: 65-2504466
Email: ap.support@nsc.com
National Semiconductor
Japan Ltd.
Tel: 81-3-5639-7560
Fax: 81-3-5639-7507
www.national.com
Molded CSP, JEDEC Plastic Package (SLB24A)
Order Number LMX2350SLB or LMX2352SLB
NS Package SLB24A
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications.


Similar Part No. - LMX2350

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2350 NSC-LMX2350 Datasheet
408Kb / 21P
   PLLatinum TM Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
LMX2350TM NSC-LMX2350TM Datasheet
408Kb / 21P
   PLLatinum TM Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
More results

Similar Description - LMX2350

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2354 NSC-LMX2354 Datasheet
403Kb / 23P
   PLLatinum Fractional N RF/ Integer N IF Dual Low Power Frequency Synthesizer
LMX2350 NSC-LMX2350 Datasheet
408Kb / 21P
   PLLatinum TM Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
logo
Texas Instruments
LMV2350 TI1-LMV2350 Datasheet
449Kb / 23P
[Old version datasheet]   LMX2350/LMX2352 PLLatinum Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
   Dual Fractional-N / Integer-N Frequency Synthesizer
logo
Analog Devices
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
logo
National Semiconductor ...
LMX2364 NSC-LMX2364 Datasheet
694Kb / 39P
   2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
logo
Analog Devices
ADF4252 AD-ADF4252 Datasheet
476Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
ADF4251 AD-ADF4251 Datasheet
424Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4252 AD-ADF4252_15 Datasheet
497Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
ADF4252 AD-ADF4252_V01 Datasheet
507Kb / 30P
   Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com