Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR520 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # SR520
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SR520 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  SR520 Datasheet HTML 1Page - Diode Semiconductor Korea SR520 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Metal-semiconductor junction with guard ring
Epitaxial construction
Low forward voltage drop,low switching losses
High surge capability
MECHANICAL DATA
Case:JEDEC DO--27,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-750,Method 2026
Polarity: Color band denotes cathode
Weight: 0.041ounces,1.15 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SR530 SR540
SR550
SR560
SR580 SR5A0 UNITS
Maximum recurrent peak reverse voltage
VRRM
30
40
50
60
80
100
V
Maximum RMS voltage
VRMS
21
28
35
42
56
70
V
Maximum DC blocking voltage
VDC
30
40
50
60
80
100
V
Maximum average forw ard rectified current
9.5mm lead length,
(see fig.1)
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
- 55 ---- + 125
- 55 ---- + 150
500
400
Maximum instantaneous forw ard voltage
@ 5.0A (Note 1)
VF
2.5
50.0
25.0
V
0.55
0.7
0.85
150.0
20
SR520
14
20
5.0
3.Thermal resistance junction to ambient
mA
IR
IFSM
NOTE: 1. Pulse test:300us pulse width,1% duty cy cle.
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
A
25
- 55 ---- +150
SR520 --- SR5A0
A
For use in low voltage,high frequency inverters free
wheeling,and polarity protection applications
IF(AV)
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE RANGE: 20 --- 100 V
CURRENT: 5.0A
DO - 27
The plastic material carries U/L recognition 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - SR520

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SR520 SUNMATE-SR520 Datasheet
178Kb / 2P
   5.0A Axial Leaded Schottky Barrier Diode
logo
Won-Top Electronics
SR520 WTE-SR520 Datasheet
50Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
SR520 SAMYANG-SR520 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR520 DGNJDZ-SR520 Datasheet
467Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR520 SECOS-SR520 Datasheet
215Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
More results

Similar Description - SR520

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com