Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR250 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # SR250
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SR250 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  SR250 Datasheet HTML 1Page - Diode Semiconductor Korea SR250 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
SR220 --- SR2A0
LEAD TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.1 -- FORWARD CURRENT DERATING CURVE
FIG.2 -- PEAK FORWARD SURGE CURRENT
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
XXXXXXXXX----CHARACTERISTICS
REVERSE VOLTAGE,VOLTS
0.01
50
0.1
1
0
0.2 0.4 0.6
1.2 1.4
0.8 1.0
1.6
10
SR220 - SR240
SR280 - SR2A0
SR250 - SR260
Pulse Width=300
µs
1% DUTY CYCLE
TJ=25℃
f=1.0MHz
Vsig=50mVp-p
10
100
400
0.1
1
10
100
0
40
1
20
50
30
10
TJ=TJMAX
8.3ms Single Half
Sine-Wave
100
10
0
25
50
75
100
125
150
0
175
Resistive or
Inductive Load
0.375"(9.5mm)
Lead Length
1.0
2.0
0.5
1.5
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - SR250

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SR250 LUGUANG-SR250 Datasheet
1Mb / 2P
   2.0 AMP Schottky Barrier Rectifiers
logo
Won-Top Electronics
SR250 WTE-SR250 Datasheet
49Kb / 3P
   2.0A SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
SR250 WEITRON-SR250 Datasheet
231Kb / 3P
   Axial Lead Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
SR250 CHENDA-SR250 Datasheet
486Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SR250 PACELEADER-SR250 Datasheet
524Kb / 2P
   2.0AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR250

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com