Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY628400ALLT2-I Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY628400ALLT2-I
Description  512K x8 bit 5.0V Low Power CMOS slow SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY628400ALLT2-I Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY628400ALLT2-I Datasheet HTML 1Page - Hynix Semiconductor HY628400ALLT2-I Datasheet HTML 2Page - Hynix Semiconductor HY628400ALLT2-I Datasheet HTML 3Page - Hynix Semiconductor HY628400ALLT2-I Datasheet HTML 4Page - Hynix Semiconductor HY628400ALLT2-I Datasheet HTML 5Page - Hynix Semiconductor HY628400ALLT2-I Datasheet HTML 6Page - Hynix Semiconductor HY628400ALLT2-I Datasheet HTML 7Page - Hynix Semiconductor HY628400ALLT2-I Datasheet HTML 8Page - Hynix Semiconductor HY628400ALLT2-I Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HY628400A Series
Rev 07 / Apr. 2001
3
RECOMMENDED DC OPERATING CONDITION
TA = 0¡ Éto 70¡ É
(Normal)/-25
°C to 85°C (Extended) /-40°C to 85°C (Industrial), unless otherwise specified.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vcc
Supply Voltage
4.5
5.0
5.5
V
Vss
Ground
0
0
0
V
VIH
Input High Voltage
2.2
-
Vcc+0.5
V
VIL
Input Low Voltage
-0.5(1)
-
0.8
V
Note :
1. VIL = -1.5V for pulse width less than 30ns and not 100% tested.
DC ELECTRICAL CHARACTERISTICS
TA = 0¡ Éto 70¡ É
(Normal)/-25
°C to 85°C (Extended) /-40°C to 85°C (Industrial), unless otherwise specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ILI
Input Leakage Current
Vss < VIN < Vcc
-1
-
1
UA
ILO
Output Leakage Current
Vss < VOUT < Vcc, /CS = VIH or
/
OE = VIH or /WE = VIL
-1
-
1
UA
Icc
Operating Power Supply
Current
/CS = VIL,
VIN = VIH or VIL, II/O = 0mA
-
10
MA
ICC1
Average Operating Current
/CS = VIL
Min Duty Cycle = 100%,
VIN = VIH or VIL, II/O = 0mA
-
60
MA
ISB
TTL Standby Current
(TTL Input)
/CS = VIH
VIN = VIH or VIL
-
2
MA
ISB1
/CS > Vcc - 0.2V,
L
-
-
100
uA
VIN > Vcc - 0.2V or
LL
-
-
30
uA
VIN < Vss + 0.2V
L-E/I
-
-
100
uA
Standby Current
(CMOS Input)
LL-E/I
-
-
50
uA
VOL
Output Low Voltage
IOL = 2.1mA
-
-
0.4
V
VOH
Output High Voltage
IOH = -1mA
2.4
-
-
V
Note : Typical values are at Vcc = 5.0V, TA = 25
°C
CAPACITANCE
Temp = 25
°C, f= 1.0MHz
Symbol
Parameter
Condition
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VI/O = 0V
8
pF
Note : This parameter is sampled and not 100% tested


Similar Part No. - HY628400ALLT2-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY628100A HYNIX-HY628100A Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY628100AG HYNIX-HY628100AG Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY628100ALG HYNIX-HY628100ALG Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY628100ALLG HYNIX-HY628100ALLG Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY628100ALLT1 HYNIX-HY628100ALLT1 Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
More results

Similar Description - HY628400ALLT2-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM76C256C HYNIX-GM76C256C Datasheet
177Kb / 11P
   32K x8 bit 5.0V Low Power CMOS slow SRAM
HY628100B HYNIX-HY628100B Datasheet
175Kb / 10P
   128K x8 bit 5.0V Low Power CMOS slow SRAM
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
   512K x8 bit 3.3V Low Power CMOS slow SRAM
GM76V256C HYNIX-GM76V256C Datasheet
175Kb / 11P
   32K x8 bit 3.3V Low Power CMOS slow SRAM
HY62U8200B HYNIX-HY62U8200B Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
HY62U8100B HYNIX-HY62U8100B Datasheet
205Kb / 12P
   128K x8 bit 3.0V Low Power CMOS slow SRAM
HY62V8100B HYNIX-HY62V8100B Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
GM76U256C HYNIX-GM76U256C Datasheet
175Kb / 11P
   32K x8 bit 3.0V Low Power CMOS slow SRAM
HY62SF16804B HYNIX-HY62SF16804B Datasheet
311Kb / 10P
   512K x16 bit 1.8V Super Low Power Full CMOS slow SRAM
logo
Alliance Semiconductor ...
AS7C4096A ALSC-AS7C4096A Datasheet
324Kb / 10P
   5.0V 512K x 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com