Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1736EUT41-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1736EUT41-T
Description  SOT23, Single-Cell Li Battery Charger for Current-Limited Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1736EUT41-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1736EUT41-T Datasheet HTML 1Page - Maxim Integrated Products MAX1736EUT41-T Datasheet HTML 2Page - Maxim Integrated Products MAX1736EUT41-T Datasheet HTML 3Page - Maxim Integrated Products MAX1736EUT41-T Datasheet HTML 4Page - Maxim Integrated Products MAX1736EUT41-T Datasheet HTML 5Page - Maxim Integrated Products MAX1736EUT41-T Datasheet HTML 6Page - Maxim Integrated Products MAX1736EUT41-T Datasheet HTML 7Page - Maxim Integrated Products MAX1736EUT41-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX1736 is a simple, low-cost, single-cell lithium-
ion (Li+) battery charger for small hand-held applica-
tions. When accompanied by a current-limited voltage
source (such as a wall cube), the MAX1736 provides
simple, accurate charging and termination control for
single-cell Li+ batteries. The MAX1736EUT42 is preset
to a 4.2V battery regulation voltage, while the
MAX1736EUT41 is preset to 4.1V.
The MAX1736 initiates charging in one of four ways:
battery insertion, charger power-up, battery voltage
threshold, and by external manipulation of the EN pin.
The device features an internal precharge current
source that safely charges near-dead cells, as well as
input-supply detection that shuts down the MAX1736
when the supply is removed to minimize battery current
drain.
The MAX1736 accepts input voltages up to 22V, mak-
ing it compatible with a wide range of input supplies. It
has a single control input yet offers stand-alone and
microprocessor-controlled operation. The MAX1736 is
packaged in a small SOT23-6 package. An evaluation
kit (EV kit) is available to reduce design time.
________________________Applications
Single-Cell Li+ Portable Applications
Wireless Handsets
Personal Digital Assistants
Digital Cameras
Small Hand-Held Equipment
Self-Charging Battery Packs
Cradle Chargers
Features
o Small 6-Pin SOT23 Package
o Stand-Alone or µP-Controlled Operation
o 0.5% Voltage Set-Point Accuracy
o Lowest Power Dissipation
o Low 4.7V min Input Voltage
o Top-Off Charging to Achieve Full Battery Capacity
o No Inductor Required
o Safely Precharges Near-Dead Cells
o Automatic Power-Down when Input Power
Removed
Note: Requires special solder temperature profile
described in the Absolute Maximum Ratings Section.
SOT23, Single-Cell Li+ Battery
Charger for Current-Limited Supply
________________________________________________________________ Maxim Integrated Products
1
GATE
EN
GND
16
BATT
5
CT
IN
MAX1736
SOT23
TOP VIEW
2
34
Pin Configuration
CURRENT-LIMITED
VOLTAGE SOURCE
GATE
BATT
BATTERY
GND
IN
EN
CT
ON
OFF
MAX1736
PFET
Typical Operating Circuit
19-1662; Rev 1; 10/00
EVALUATION
KIT
AVAILABLE
Ordering Information
PART
TEMP.
RANGE
PIN-
PACKAGE
SOT
MARK
MAX1736EUT42-T
-40
°C to +85°C 6 SOT23-6
AAHO
MAX1736EUT41-T
-40
°C to +85°C 6 SOT23-6
AANC
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX1736EUT41-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX173 MAXIM-MAX173 Datasheet
130Kb / 4P
   Complete 5us CMOS 10-Bit A/D Converter
MAX1730 MAXIM-MAX1730 Datasheet
137Kb / 8P
   50mA Regulated Step-Down Charge Pump for 1.8V or 1.9V Logic
Rev 0; 4/00
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
   Evaluation Kits
Rev 4; 3/21
MAX17300GEVKIT MAXIM-MAX17300GEVKIT Datasheet
9Mb / 32P
   Lithium battery pack of desired configuration
Rev 3; 2/21
MAX17301GEVKIT MAXIM-MAX17301GEVKIT Datasheet
9Mb / 41P
   Lithium battery pack of desired configuration
Rev 4; 3/21
More results

Similar Description - MAX1736EUT41-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1679 MAXIM-MAX1679 Datasheet
138Kb / 12P
   Single-Cell Li Battery Charger for Current-Limited Supply
Rev 0; 9/99
MAX1898 MAXIM-MAX1898 Datasheet
210Kb / 12P
   Linear Charger for Single-Cell Li Battery
Rev 0; 1/02
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
logo
Richtek Technology Corp...
RT9516 RICHTEK-RT9516 Datasheet
218Kb / 11P
   Linear Single Cell Li-lon Battery Charger with Single Input Supply for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com