Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR6060PT Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # MBR6060PT
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MBR6060PT Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  MBR6060PT Datasheet HTML 1Page - Diode Semiconductor Korea MBR6060PT Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.2
100
10
1.0
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
30
MBR6030PT~MBR6045PT
MBR6050PT~MBR6060PT
MBR6080PT~MBR60100PT
100000
120
100
80
40
20
10000
1000
100
10
1.0
60
140
0
TA=100°C
TA=25°C
0
100
1
100
500
200
300
400
10
8.3ms Single Half Sine Wave
TJ=125
25
50
75
100
125
150
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
MBR6030PT - - - MBR60100PT
NUMBER OF CYCLES AT 60HZ
CASE
TEMPERATURE,
FIG.2 -- FORWARD DERATING CURVE
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.1 -- PEAK FORWARD SURGE CURRENT
0
30
60
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - MBR6060PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR6060PT TSC-MBR6060PT Datasheet
99Kb / 2P
   60.0 AMPS. Schottky Barrier Rectifiers
logo
Zibo Seno Electronic En...
MBR6060PT ZSELEC-MBR6060PT Datasheet
166Kb / 2P
   60.0A SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
MBR6060PT TSC-MBR6060PT Datasheet
111Kb / 2P
   60.0 AMPS. Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
MBR6060PT FS-MBR6060PT Datasheet
393Kb / 2P
   Schottky Barrier Rectifiers Reverse Voltage 40 to 200 Volts, Forward Current 60A
logo
Taiwan Semiconductor Co...
MBR6060PT TSC-MBR6060PT Datasheet
369Kb / 2P
   60 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR6060PT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com