Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402DF Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0402DF
Description  Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0402DF Datasheet(HTML) 1 Page - Coilcraft lnc.

  0402DF Datasheet HTML 1Page - Coilcraft lnc. 0402DF Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
Chip Inductors – 0402DF (1005)
Document 1069-1
Document 1069-1 07/29/15
Inductance2
Impedance typ (Ohms)
SRF typ3
DCR max4
Irms5
Part number1
±5% (nH)
900 MHz
1.7 GHz
(MHz)
(Ohms)
(mA)
0402DF-200XJR_
20
90
150
2950
0.049
1400
0402DF-360XJR_
36
150
250
2400
0.055
1300
0402DF-560XJR_
56
250
480
2200
0.061
1200
0402DF-770XJR_
77
350
580
2050
0.072
1100
0402DF-900XJR_
90
400
600
2300
0.079
1000
0402DF-101XJR_
105
530
1000
1660
0.104
850
0402DF-121XJR_
120
515
900
2000
0.090
950
0402DF-141XJR_
140
650
1075
1450
0.141
750
0402DF-151XJR_
150
700
1170
1800
0.130
830
0402DF-181XJR_
180
850
1460
1680
0.172
730
0402DF-221XJR_
220
1100
2050
1560
0.240
600
0402DF-271XJR_
270
1300
2150
1480
0.265
590
0402DF-301XJR_
300
1725
2630
1400
0.340
490
0402DF-331XJR_
330
2100
2750
1340
0.435
430
0402DF-361XJR_
360
2150
3100
1200
0.475
420
0402DF-421XJR_
420
2175
3350
1100
0.510
400
0402DF-471XJR_
470
2550
3670
1070
0.670
340
0402DF-531XJR_
530
3950
3050
1000
0.715
330
0402DF-591XJR_
590
4770
3090
960
0.780
320
0402DF-701XJR_
700
5750
1830
600
1.30
230
0402DF-771XJR_
770
4900
1800
585
1.35
220
0402DF-901XJR_
900
7130
4470
760
1.50
230
0402DF-102XJR_
1000
280
180
235
1.05
190
0402DF-222XJR_
2200
200
120
125
1.80
170
0402DF-332XJR_
3300
160
80
80
2.20
150
• Higher inductance values than other 0402 inductors
• Ferrite construction for high current handling
• 25 inductance values from 20 nH to 3.3 µH
• Ideal for use in both mobile and infrastructure equipment
• Equally effective on-board or modular
• Developed for use in cellular applications:
As a filter element in bandstop and low pass filters
As a one pole filter or RF choke in cellular bands
• Can also be used for ground-to-ground isolation
1. When ordering, please specify
termination and packaging codes:
0402DF-771XJRW
Termination: R = RoHS compliant matte tin over nickel over silver-
platinum-glass frit.
Special order:
Q = RoHS tin-silver-copper (95.5/4/0.5)
or
P = non-RoHS tin-lead (63/37).
Packaging: W= 7
″ machine-ready reel. EIA-481 punched paper
tape (2000 parts per full reel).
U = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter W instead.
2. Inductance measured at 7.9 MHz using a Coilcraft SMD-F test fixture
and Coilcraft-provided correlation pieces with an Agilent/HP 4286
impedance analyzer.
3. SRF measured using Agilent/HP 8753D network analyzer and Coilcraft
SMD-D test fixture.
4. DCR measured on Cambridge Technology micro-ohmmeter and a
Coilcraft CCF858 test fixture.
5. Current that causes a 15°C temperature rise from 25°C ambient.
Because of their open construction, these parts will not saturate.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Core material Ferrite
Environmental RoHS compliant without exemption, halogen free
Terminations RoHS compliant matte tin over nickel over silver-platinum-
glass frit.
Weight 0.9 – 1.1 mg
Ambient temperature –40°C to +85°C with
Irms current
Maximum part temperature +100°C (Ambient + temperature rise)
Storage temperature Component: –40°C to +100°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +150 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000 per 7
″ reel. Paper tape: 8 mm wide, 0.68 mm thick,
2 mm pocket spacing
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.


Similar Part No. - 0402DF

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
0402DF104B4T2A KSS-0402DF104B4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
0402DF104B4T4A KSS-0402DF104B4T4A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
0402DF104B4U2A KSS-0402DF104B4U2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
0402DF104B4U4A KSS-0402DF104B4U4A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
0402DF104B4Z2A KSS-0402DF104B4Z2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
More results

Similar Description - 0402DF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com