Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T121032 Datasheet(PDF) 1 Page - E-SWITCH

Part # T121032
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T121032 Datasheet(HTML) 1 Page - E-SWITCH

  T121032 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100DP3T6B11M1RE
2:1
12/17/2014
T121032
A
rc
1
1
Without Locking
Ring
With Standard
Locking Ring
PANEL MOUNTING
A
21739
New Release
12/17/14
rc
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: .4 VA W/RESITIVE LOAD @ 20V MAX (AC OR DC)
6. ELECTRIC LIFE: 40,000 make-and-break cycles
at full load.
7. INSULATION RESISTANCE: 1,000 Mega-ohm min.
8. DIELECTRIC STRENGTH: 1,000 V RMS @sea level.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT.
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
ON
ON
2-3, 5-6
NONE
2-1, 5-4
2
1
3
CIRCUI: DPDT
E-SWITCH
MARKING ON
OPPOSITE SIDE
1
2
3
3
8.89
[.350 in]
12.70
[.500 in]
11.43
[.450 in]
3.96
[.156 in]
6
5
46
7.55
[.297 in]
1/4-40 UNS-2A
THREADS
.76
[.030 in]
4.70
[.185 in]
2.03
[.080 in]
4.83
[.190 in]
1.19
[.047 in]
1.98
[.078 in]
1.44
[.057 in]
2.54
[.100 in]
25
POS. 1
POS. 2
POS. 3
KEYWAY
12.30
[.484 in]
EPOXY SEAL
4.91
[.193 in]
6.10
[.240 in]
6.35
[.250 in]
2.38
[.094 in]
2.63
[.103 in]
.85
[.033 in]


Similar Part No. - T121032

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T121031 E-SWITCH-T121031 Datasheet
213Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T121034 E-SWITCH-T121034 Datasheet
56Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T121035 E-SWITCH-T121035 Datasheet
139Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T121037 E-SWITCH-T121037 Datasheet
121Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T121038 E-SWITCH-T121038 Datasheet
121Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T121032

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com