Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F1G08 Datasheet(PDF) 28 Page - Samsung semiconductor

Part # K9F1G08
Description  FLASH MEMORY
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1G08 Datasheet(HTML) 28 Page - Samsung semiconductor

Back Button K9F1G08 Datasheet HTML 24Page - Samsung semiconductor K9F1G08 Datasheet HTML 25Page - Samsung semiconductor K9F1G08 Datasheet HTML 26Page - Samsung semiconductor K9F1G08 Datasheet HTML 27Page - Samsung semiconductor K9F1G08 Datasheet HTML 28Page - Samsung semiconductor K9F1G08 Datasheet HTML 29Page - Samsung semiconductor K9F1G08 Datasheet HTML 30Page - Samsung semiconductor K9F1G08 Datasheet HTML 31Page - Samsung semiconductor K9F1G08 Datasheet HTML 32Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
FLASH MEMORY
28
K9F1G08U0A
K9F1G08Q0A
Read ID Operation
CE
CLE
WE
ALE
RE
90h
Read ID Command
Maker Code Device Code
00h
ECh
Device
tREA
Address. 1cycle
XXh
4th cyc.*
I/Ox
tAR
Device
Device Code*(2nd Cycle)
4th Cycle*
K9F1G08Q0A
A1h
15h
K9F1G08U0A
F1h
15h
Code*
ID Defintition Table
90 ID : Access command = 90H
Description
1st Byte
2nd Byte
3rd Byte
4th Byte
Maker Code
Device Code
Don’t care
Page Size, Block Size, Spare Size, Organization,Serial access minimum


Similar Part No. - K9F1G08

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1G08 SAMSUNG-K9F1G08 Datasheet
436Kb / 38P
   1Gb E-die NAND Flash
K9F1G08 SAMSUNG-K9F1G08 Datasheet
687Kb / 38P
   1Gb NAND Flash
K9F1G08D0M SAMSUNG-K9F1G08D0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9F1G08Q0M SAMSUNG-K9F1G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9F1G08Q0M-PCB0 SAMSUNG-K9F1G08Q0M-PCB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
More results

Similar Description - K9F1G08

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com