Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3658N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3658N
Description  Quad High Current Peripheral Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3658N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS3658N Datasheet HTML 1Page - National Semiconductor (TI) DS3658N Datasheet HTML 2Page - National Semiconductor (TI) DS3658N Datasheet HTML 3Page - National Semiconductor (TI) DS3658N Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5819
March 1995
DS3658 Quad High Current Peripheral Driver
General Description
The DS3658 quad peripheral driver is designed for those
applications where low operating power high breakdown
voltage high output current and low output ON voltage are
required A unique input circuit combines TTL compatibility
with high impedance In fact its extreme low input current
allows it to be driven directly by a CMOS device
The outputs are capable of sinking 600 mA each and offer a
70V breakdown However for inductive loads the output
should be clamped to 35V or less to avoid latch-up during
turn off (inductive fly back protectionrefer AN-213) An on-
chip clamp diode capable of handling 800 mA is provided at
each output for this purpose In addition the DS3658 incor-
porates circuitry that guarantees glitch-free power up or
down operation and a fail-safe feature which puts the output
in a high impedance state when the input is open
The molded package is specifically constructed to allow in-
creased power dissipation over conventional packages The
four ground pins are directly connected to the device chip
with a special copper lead frame When the quad driver is
soldered into a PC board the power rating of the device
improves significantly
Applications
Y
Relay drivers
Y
Lamp drivers
Y
Solenoid drivers
Y
Hammer drivers
Y
Stepping motor drivers
Y
Triac drivers
Y
LED drivers
Y
High current high voltage drivers
Y
Level translators
Y
Fiber optic LED drivers
Features
Y
Single saturated transistor outputs
Y
Low standby power 10 mW typical
Y
High impedance TTL compatible inputs
Y
Outputs may be tied together for increased current ca-
pacity
Y
High output current
600 mA per output
24A per package
Y
No output latch-up at 35V
Y
Low output ON voltage (350 mV typ
600 mA)
Y
High breakdown voltage (70V)
Y
Open collector outputs
Y
Output clamp diodes for inductive fly back protection
Y
NPN inputs for minimal input currents (1 mA typical)
Y
Low operating power
Y
Standard 5V power supply
Y
Power updown protection
Y
Fail safe operation
Y
2W power package
Y
Pin-for-pin compatible with SN75437
Connection Diagram
Dual-In-Line Package
TLF5819 – 1
Top View
Order Number DS3658N
See NS Package Number N16E
Truth Table
IN
EN
OUT
HH
L
LH
Z
HL
Z
LL
Z
H e High state
L e Low state
Z e High impedance state
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DS3658N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS3658N TI1-DS3658N Datasheet
223Kb / 9P
[Old version datasheet]   Quad High Current Peripheral Driver
DS3658N/NOPB TI1-DS3658N/NOPB Datasheet
223Kb / 9P
[Old version datasheet]   Quad High Current Peripheral Driver
More results

Similar Description - DS3658N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS3658 TI1-DS3658_14 Datasheet
223Kb / 9P
[Old version datasheet]   Quad High Current Peripheral Driver
logo
National Semiconductor ...
DS3669 NSC-DS3669 Datasheet
98Kb / 4P
   Quad High Current Peripheral Driver
DS3656 NSC-DS3656 Datasheet
86Kb / 4P
   DS3656 Quad Peripheral Driver
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
   Quad Fault Protected Peripheral Driver
logo
Texas Instruments
DS3668NHAPB TI1-DS3668NHAPB Datasheet
157Kb / 7P
[Old version datasheet]   DS3668 Quad Fault Protected Peripheral Driver
SN75460 TI-SN75460 Datasheet
557Kb / 10P
[Old version datasheet]   PERIPHERAL DRIVERS FOR HIGH-VOLTAGE HIGH-CURRENT DRIVER APPLICATIONS
logo
List of Unclassifed Man...
D469A ETC1-D469A Datasheet
338Kb / 4P
   Quad High-Current Power Driver
logo
Linear Technology
LT3476 LINER-LT3476_15 Datasheet
244Kb / 14P
   High Current Quad Output LED Driver
LT3476 LINER-LT3476 Datasheet
189Kb / 12P
   High Current Quad Output LED Driver
logo
Allegro MicroSystems
2944 ALLEGRO-2944 Datasheet
195Kb / 8P
   QUAD HIGH-CURRENT, HIGH-VOLTAGE SOURCE DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com