Electronic Components Datasheet Search |
|
TLC2274CPW Datasheet(PDF) 24 Page - Texas Instruments |
|
|
TLC2274CPW Datasheet(HTML) 24 Page - Texas Instruments |
24 / 63 page Q3 Q6 Q9 Q12 Q14 Q16 Q2 Q5 Q7 Q8 Q10 Q11 D1 Q17 Q15 Q13 Q4 Q1 R5 C1 VDD + IN + IN − R3 R4 R1 R2 OUT VDD− 24 TLC2272, TLC2272A, TLC2272M, TLC2272AM TLC2274, TLC2274A, TLC2274M, TLC2274AM SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016 www.ti.com Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM Submit Documentation Feedback Copyright © 1997–2016, Texas Instruments Incorporated 7 Detailed Description 7.1 Overview The TLC227x and TLC227xA families of devices are rail-to-rail output operational amplifiers. These devices operate from 4.4-V to 16-V single supply and ±2.2-V ±8-V dual supply, are unity-gain stable, and are suitable for a wide range of general-purpose applications. 7.2 Functional Block Diagram (1) Includes both amplifiers and all ESD, bias, and trim circuitry. Table 2. Device Component Count(1) Component TLC2272 TLC2274 Transistors 38 76 Resistors 26 52 Diodes 9 18 Capacitors 3 6 7.3 Feature Description The TLC227x and TLC227xA family of devices feature 2-MHz bandwidth and voltage noise of 9 nV/ √Hz with performance rated from 4.4 V to 16 V across an automotive temperature range (–40°C to 125°C). LinMOS suits a wide range of audio, automotive, industrial, and instrumentation applications. 7.4 Device Functional Modes The TLC227x and TLC227xA families of devices is powered on when the supply is connected. The devices may operate with single or dual supply, depending on the application. The devices are in its full performance once the supply is above the recommended value. |
Similar Part No. - TLC2274CPW |
|
Similar Description - TLC2274CPW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |