Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F1G08Q0A Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K9F1G08Q0A
Description  FLASH MEMORY
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1G08Q0A Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K9F1G08Q0A Datasheet HTML 6Page - Samsung semiconductor K9F1G08Q0A Datasheet HTML 7Page - Samsung semiconductor K9F1G08Q0A Datasheet HTML 8Page - Samsung semiconductor K9F1G08Q0A Datasheet HTML 9Page - Samsung semiconductor K9F1G08Q0A Datasheet HTML 10Page - Samsung semiconductor K9F1G08Q0A Datasheet HTML 11Page - Samsung semiconductor K9F1G08Q0A Datasheet HTML 12Page - Samsung semiconductor K9F1G08Q0A Datasheet HTML 13Page - Samsung semiconductor K9F1G08Q0A Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
FLASH MEMORY
10
K9F1G08U0A
K9F1G08Q0A
CAPACITANCE(TA=25
°C, VCC=1.8V/3.3V, f=1.0MHz)
NOTE : Capacitance is periodically sampled and not 100% tested.
Item
Symbol
Test Condition
Min
Max
Unit
Input/Output Capacitance
CI/O
VIL=0V
-
10
pF
Input Capacitance
CIN
VIN=0V
-
10
pF
VALID BLOCK
NOTE :
1. The
K9F1G08X0A may include invalid blocks when first shipped. Additional invalid blocks may develop while being used. The number of valid
blocks is presented with both cases of invalid blocks considered. Invalid blocks are defined as blocks that contain one or more bad bits. Do not erase
or program factory-marked bad blocks
. Refer to the attached technical notes for appropriate management of invalid blocks.
2. The 1st block, which is placed on 00h block address, is guaranteed to be a valid block, does not require Error Correction up to 1K program/erase
cycles.
Parameter
Symbol
Min
Typ.
Max
Unit
Valid Block Number
NVB
1004
-
1024
Blocks
AC TEST CONDITION
(K9F1G08X0A-XCB0 :TA=0 to 70
°C, K9F1G08X0A-XIB0:TA=-40 to 85°C
K9F1G08Q0A : Vcc=1.70V~1.95V, K9F1G08U0A : Vcc=2.7V~3.6V unless otherwise noted)
Parameter
K9F1G08Q0A
K9F1G08U0A
Input Pulse Levels
0V to Vcc
0V to Vcc
Input Rise and Fall Times
5ns
5ns
Input and Output Timing Levels
Vcc/2
Vcc/2
Output Load
1 TTL GATE and CL=30pF
1 TTL GATE and CL=50pF
MODE SELECTION
NOTE : 1. X can be VIL or VIH.
2. WP should be biased to CMOS high or CMOS low for standby.
CLE
ALE
CE
WE
RE
WP
Mode
H
L
L
H
X
Read Mode
Command Input
L
H
L
H
X
Address Input(4clock)
H
L
L
H
H
Write Mode
Command Input
L
H
L
H
H
Address Input(4clock)
L
L
L
H
H
Data Input
L
L
L
H
X
Data Output
X
X
X
X
H
X
During Read(Busy)
X
X
X
X
X
H
During Program(Busy)
X
X
X
X
X
H
During Erase(Busy)
X
X(1)
X
X
X
L
Write Protect
X
X
H
X
X
0V/VCC(2)
Stand-by


Similar Part No. - K9F1G08Q0A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1G08Q0M SAMSUNG-K9F1G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9F1G08Q0M-PCB0 SAMSUNG-K9F1G08Q0M-PCB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
K9F1G08Q0M-PIB0 SAMSUNG-K9F1G08Q0M-PIB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
K9F1G08Q0M-YCB0 SAMSUNG-K9F1G08Q0M-YCB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
K9F1G08Q0M-YIB0 SAMSUNG-K9F1G08Q0M-YIB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
More results

Similar Description - K9F1G08Q0A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com