Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST121148 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST121148
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST121148 Datasheet(HTML) 1 Page - E-SWITCH

  ST121148 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100DP2T1B1M2REH
2:1
7/8/2016
ST121148
A
MW
1
1
PC MOUNTING
Without
Locking Ring
PANEL MOUNTING
With Standard
Locking Ring
A
22383
7/7/16
MW
RELEASED FOR PRODUCTION
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING:
0.4 (VA) MAX. @20V MAX
6. ELECTRIC LIFE: 40,000 MAKE-AND-BREAK CYLCES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30 C to 85 C
10.
DENOTES CRITICAL PARAMETER.
11. 2011/65/EU (ROHS) COMPLIANT
12. HARDWARE TO BE SHIPPED BULK:
T100011 - LOCK WASHER, QTY 1
T100015 - LOCK RING, QTY 1
T100000 - HEX NUT, QTY 2
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
(ON)
2-3, 5-6
N/A
2-1, 5-4
2
1
3
CIRCUIT: DPDT
E-SWITCH
MARKING ON
OPPOSITE SIDE
4
5
6
6
8.9
[.35 in]
12.70
[.50 in]
11.43
[.45 in]
5.10
[.201 in]
3
5
4
6
1.27
[.050 in]
25
POS. 1
POS. 3
10.4
[.41 in]
1/4-40 UNS-2A
THREADS
8.9
[.35 in]
( ) = MOMENTARY
9.40
[.370 in]
4.70
[.185 in]
4.83
[.190 in]
.76
[.030 in]
4.83
[.190 in]
4.70
[.185 in]
9.40
[.370 in]
1.85
[.073 in]
KEYWAY
2.92
[.115 in]
6.35
[.250 in]
6.35
[.250 in]
2.38
[.094 in]
.85
[.033 in]
.55
[.022 in]
6.10
[.240 in]
EPOXY SEAL
6.60
[.260 in]


Similar Part No. - ST121148

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST121140 E-SWITCH-ST121140 Datasheet
129Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST121141 E-SWITCH-ST121141 Datasheet
126Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST121142 E-SWITCH-ST121142 Datasheet
137Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST121143 E-SWITCH-ST121143 Datasheet
132Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST121144 E-SWITCH-ST121144 Datasheet
152Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST121148

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com