Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC2652C-8DR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part No. TLC2652C-8DR
Description  Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TLC2652C-8DR Datasheet(HTML) 15 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
TLC2652, TLC2652A, TLC2652Y
Advanced LinCMOS PRECISION CHOPPERSTABILIZED
OPERATIONAL AMPLIFIERS
SLOS019E − SEPTEMBER 1988 − REVISED FEBRUARY 2005
15
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
|IO| − Output Current − mA
4.6
4.4
4.2
4
0
0.4
0.8
1.2
4.8
MAXIMUM PEAK OUTPUT VOLTAGE
vs
OUTPUT CURRENT
5
1.6
2
VDD ± = ±5 V
TA = 25°C
VOM +
VOM −
Figure 10
|IO| − Output Current − mA
7.1
6.9
6.7
0
0.4
0.8
1.2
7.3
MAXIMUM PEAK OUTPUT VOLTAGE
vs
OUTPUT CURRENT
7.5
1.6
2
VDD ± = ±7.5 V
TA = 25°C
VOM +
VOM −
Figure 11
TA − Free-Air Temperature − °C
0
−75
0
25
50
2.5
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
5
75
100
125
VDD ± = ±5 V
RL = 10 kΩ
− 2.5
−5
−50
− 25
Figure 12
0
4
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
8
TA − Free-Air Temperature − °C
−75
0
25
50
75
100
125
VDD ± = ±7.5 V
RL = 10 kΩ
−50
− 25
−8
−4
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn