Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC2652C-8DR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part No. TLC2652C-8DR
Description  Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2652C-8DR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC2652C-8DR Datasheet HTML 10Page - Texas Instruments TLC2652C-8DR Datasheet HTML 11Page - Texas Instruments TLC2652C-8DR Datasheet HTML 12Page - Texas Instruments TLC2652C-8DR Datasheet HTML 13Page - Texas Instruments TLC2652C-8DR Datasheet HTML 14Page - Texas Instruments TLC2652C-8DR Datasheet HTML 15Page - Texas Instruments TLC2652C-8DR Datasheet HTML 16Page - Texas Instruments TLC2652C-8DR Datasheet HTML 17Page - Texas Instruments TLC2652C-8DR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
TLC2652, TLC2652A, TLC2652Y
Advanced LinCMOS PRECISION CHOPPERSTABILIZED
OPERATIONAL AMPLIFIERS
SLOS019E − SEPTEMBER 1988 − REVISED FEBRUARY 2005
14
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
INPUT OFFSET CURRENT
vs
CHOPPING FREQUENCY
Chopping Frequency − Hz
20
10
5
0
25
15
100
1 k
10 k
100 k
VDD ± = ±5 V
VIC = 0
TA = 25°C
Figure 5
Figure 6
TA − Free-Air Temperature − °C
6
4
2
0
25
45
65
85
8
INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
10
105
125
VDD ± = ±5 V
VIC = 0
|VO| − Output Voltage − V
1 nA
100 pA
10 pA
1 pA
4
4.2
4.4
4.6
CLAMP CURRENT
vs
OUTPUT VOLTAGE
4.8
5
100 nA
10 nA
VDD ± = ±5 V
TA = 25°C
Negative Clamp Current
100
µA
10
µA
1
µA
Positive Clamp Current
Figure 7
8
4
2
0
10
6
100
1 k
10 k
1 M
f − Frequency − Hz
MAXIMUM PEAK-TO-PEAK OUTPUT
VOLTAGE
vs
FREQUENCY
VDD ± = ±5 V
RL = 10 kΩ
TA = 125°C
TA = − 55°C
Figure 8
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn