Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC2652C-8DR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part No. TLC2652C-8DR
Description  Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2652C-8DR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLC2652C-8DR Datasheet HTML 15Page - Texas Instruments TLC2652C-8DR Datasheet HTML 16Page - Texas Instruments TLC2652C-8DR Datasheet HTML 17Page - Texas Instruments TLC2652C-8DR Datasheet HTML 18Page - Texas Instruments TLC2652C-8DR Datasheet HTML 19Page - Texas Instruments TLC2652C-8DR Datasheet HTML 20Page - Texas Instruments TLC2652C-8DR Datasheet HTML 21Page - Texas Instruments TLC2652C-8DR Datasheet HTML 22Page - Texas Instruments TLC2652C-8DR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
TLC2652, TLC2652A, TLC2652Y
Advanced LinCMOS PRECISION CHOPPERSTABILIZED
OPERATIONAL AMPLIFIERS
SLOS019E − SEPTEMBER 1988 − REVISED FEBRUARY 2005
19
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 23
−25
t − Time −
µs
0
−75
−100
01
2
3
25
75
VOLTAGE-FOLLOWER
SMALL-SIGNAL
PULSE RESPONSE
100
45
67
50
VDD ± = ±5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
−50
Figure 24
t − Time −
µs
0
−1
−3
−4
0
5
10
15
20
1
3
VOLTAGE-FOLLOWER
LARGE-SIGNAL
PULSE RESPONSE
4
25
30
35
40
−2
2
VDD ± = ±5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
Figure 25
fch − Chopping Frequency − kHz
PEAK-TO-PEAK INPUT NOISE VOLTAGE
vs
CHOPPING FREQUENCY
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
02
4
6
8
10
VDD ± = ±5 V
RS = 20 Ω
f = 0 to 1 Hz
TA = 25°C
Figure 26
fch − Chopping Frequency − kHz
3
2
1
0
02
4
6
4
PEAK-TO-PEAK INPUT NOISE VOLTAGE
vs
CHOPPING FREQUENCY
5
810
VDD ± = ±5 V
RS = 20 Ω
f = 0 to 10 Hz
TA = 25°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn