Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC2652C-8DR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part No. TLC2652C-8DR
Description  Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TLC2652C-8DR Datasheet(HTML) 17 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
TLC2652, TLC2652A, TLC2652Y
Advanced LinCMOS PRECISION CHOPPERSTABILIZED
OPERATIONAL AMPLIFIERS
SLOS019E − SEPTEMBER 1988 − REVISED FEBRUARY 2005
17
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 15
|VDD ±| − Supply Voltage − V
480
460
440
420
0
1
234
5
500
520
CHOPPING FREQUENCY
vs
SUPPLY VOLTAGE
540
67
8
TA = 25°C
Figure 16
−50
− 25
TA − Free-Air Temperature − °C
430
420
410
400
−75
0
25
50
440
450
CHOPPING FREQUENCY
vs
FREE-AIR TEMPERATURE
460
75
100
125
VDD ± = ±5 V
Figure 17
|VDD ±| − Supply Voltage − V
1.2
0.8
0.4
0
02
3
5
1.6
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
2
78
14
6
TA = 25°C
TA = − 55°C
TA = 125°C
VO = 0
No Load
−50
− 25
TA − Free-Air Temperature − °C
1.2
0.8
0.4
0
−75
0
50
1.6
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
2
100
125
25
75
VDD ± = ±5 V
VDD ± = ±7.5 V
VDD ± = ±2.5 V
VO = 0
No Load
Figure 18
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn