Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC34076-85FN Datasheet(PDF) 24 Page - Texas Instruments

Part # TLC34076-85FN
Description  Video Interface Palette
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC34076-85FN Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLC34076-85FN Datasheet HTML 20Page - Texas Instruments TLC34076-85FN Datasheet HTML 21Page - Texas Instruments TLC34076-85FN Datasheet HTML 22Page - Texas Instruments TLC34076-85FN Datasheet HTML 23Page - Texas Instruments TLC34076-85FN Datasheet HTML 24Page - Texas Instruments TLC34076-85FN Datasheet HTML 25Page - Texas Instruments TLC34076-85FN Datasheet HTML 26Page - Texas Instruments TLC34076-85FN Datasheet HTML 27Page - Texas Instruments TLC34076-85FN Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
2–8
and Regular Shift Register Transfer
SCLK Between Split Shift-Register
SCLK
at Input Terminal
Pixel Data
Pipeline Delay)
Before DOTCLK
(Internal Signal
Blank
for Data Latch)
(Internal Signal
Load
at Input Terminal
BLANK
of Pixel Data
Latch Last Group
of Pixel Data
Latch First Group
1st Group of Pixel Data
Group
2nd Group
3rd
Group
4th
Group
5th
Group
6th
Group
Last
VCLK
SFLAG/NFLAG
NOTE A: Either the SSRT function is disabled (general-control register bit 2 = 0), or the SFLAG/NFLAG input is held
low when the SSRT function is enabled (general-control register bit 2 = 1).
Figure 2–5. SCLK/VCLK Control Timing (SSRT Enabled,
SCLK Frequency = 4
× VCLK Frequency)
2.4
Multiplexing Scheme
The TLC34076 offers a highly versatile multiplexing scheme as illustrated in Table 2–6. The on-chip
multiplexing allows the system to be reconfigured to the amount of RAM available. For example, when only
256K bytes of memory are available, an 800-by-600 resolution mode with four bit-planes (4 bits per pixel)
can be implemented using an 8-bit wide pixel bus. If, at a later date, another 256K bytes are added to another
8 bits of the pixel bus, the user has the option of using eight bit-planes at the same resolution or four
bit-planes at a 1024
× 768 resolution. When an additional 512K bytes are added to the remaining 16 bits
of the pixel bus, the user has the option of eight bit-planes at 1024
× 768 resolution or four bit-planes at
1280
× 1024 resolution. All the above can be achieved without any hardware modification and without any
increase in the speed of the pixel bus.


Similar Part No. - TLC34076-85FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC34076 TI-TLC34076 Datasheet
397Kb / 68P
[Old version datasheet]   Video Interface Palette
More results

Similar Description - TLC34076-85FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP3020 TI-TVP3020 Datasheet
412Kb / 98P
[Old version datasheet]   Video Interface Palette
TVP3010C TI-TVP3010C Datasheet
491Kb / 90P
[Old version datasheet]   Video Interface Palette
TVP3030 TI-TVP3030 Datasheet
501Kb / 107P
[Old version datasheet]   Video Interface Palette
TVP3010 TI1-TVP3010 Datasheet
501Kb / 91P
[Old version datasheet]   Video Interface Palette
TVP3030 TI1-TVP3030_09 Datasheet
509Kb / 107P
[Old version datasheet]   Video Interface Palette
TLC34075 TI-TLC34075 Datasheet
284Kb / 52P
[Old version datasheet]   Video Interface Palette
TVP3026M TI1-TVP3026M_12 Datasheet
495Kb / 97P
[Old version datasheet]   Video Interface Palette
TVP3026 TI-TVP3026 Datasheet
513Kb / 107P
[Old version datasheet]   Video Interface Palette
TVP3026M TI-TVP3026M Datasheet
457Kb / 95P
[Old version datasheet]   Video Interface Palette
TLC34076 TI-TLC34076 Datasheet
397Kb / 68P
[Old version datasheet]   Video Interface Palette
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com