Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC32044CN Datasheet(PDF) 28 Page - Texas Instruments

Part # TLC32044CN
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32044CN Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLC32044CN Datasheet HTML 24Page - Texas Instruments TLC32044CN Datasheet HTML 25Page - Texas Instruments TLC32044CN Datasheet HTML 26Page - Texas Instruments TLC32044CN Datasheet HTML 27Page - Texas Instruments TLC32044CN Datasheet HTML 28Page - Texas Instruments TLC32044CN Datasheet HTML 29Page - Texas Instruments TLC32044CN Datasheet HTML 30Page - Texas Instruments TLC32044CN Datasheet HTML 31Page - Texas Instruments TLC32044CN Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F − MARCH 1988 − REVISED MAY 1995
28
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Table 3. Gain Control Table (Analog Input Signal Required for Full-Scale A/D Conversion)
INPUT CONFIGURATIONS
CONTROL REGISTER
BITS
ANALOG INPUT
A/D
CONVERSION
INPUT CONFIGURATIONS
d6
d7
ANALOG INPUT
CONVERSION
RESULT
Differential configuration
1
1
±6 V
Full - scale
Differential configuration
Analog input = IN + − IN −
0
0
±6 V
Full - scale
Analog input = IN + − IN −
= AUX IN + − AUX IN −
1
0
±3 V
Full - scale
= AUX IN + − AUX IN −
0
1
±1.5 V
Full - scale
Single-ended configuration
1
1
±3 V
Half - scale
Single-ended configuration
Analog input = IN + − ANLG GND
0
0
±3 V
Half - scale
Analog input = IN + − ANLG GND
= AUX IN + − ANLG GND
1
0
±3 V
Full - s ale
= AUX IN + − ANLG GND
0
1
±1.5 V
Full - scale
In this example, Vref is assumed to be 3 V. In order to minimize distortion, it is recommended that the analog
input not exceed 0.1 dB below full scale.
Figure 7. IN + and IN − Gain Control Circuitry
+
+
Rfb
Rfb
R
R
IN +
IN −
To Multiplexer
Rfb = R for d6 = 1, d7 = 1
d6 = 0, d7 = 0
Rfb = 2R for d6 = 1, d7 = 0
Rfb = 4R for d6 = 0, d7 = 1
Figure 8. AUX IN + and AUX IN −
Gain Control Circuitry
+
+
Rfb
Rfb
R
R
AUX IN +
AUX IN −
Rfb = R for d6 = 1, d7 = 1
d6 = 0, d7 = 0
Rfb = 2R for d6 = 1, d7 = 0
Rfb = 4R for d6 = 0, d7 = 1
To Multiplexer
(sin x) / x correction
The AIC does not have (sin x)/x correction circuitry after the digital-to-analog converter. (Sin x)/x correction can
be accomplished easily and efficiently in digital signal processor (DSP) software. Excellent correction accuracy
can be achieved to a band edge of 3000 Hz by using a first-order digital correction filter. The results, which are
shown in Table 4, are typical of the numerical correction accuracy that can be achieved for sample rates of
interest. The filter requires only seven instruction cycles per sample on the TMS(SMJ)320 DSPs. With a 200-ns
instruction cycle, nine instructions per sample represents an overhead factor of 1.4% and 1.7% for sampling
rates of 8000 Hz and 9600 Hz, respectively. This correction adds a slight amount of group delay at the upper
edge of the 300 −3000-Hz band.


Similar Part No. - TLC32044CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC32044CN TI-TLC32044CN Datasheet
535Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044CN TI1-TLC32044CN Datasheet
528Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
More results

Similar Description - TLC32044CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9086302M3A TI1-5962-9086302M3A Datasheet
528Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044MJB TI1-TLC32044MJB Datasheet
512Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044C TI-TLC32044C Datasheet
535Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32046 TI1-TLC32046 Datasheet
273Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32046CFN TI-TLC32046CFN Datasheet
247Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32047C TI-TLC32047C Datasheet
303Kb / 61P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32040C TI-TLC32040C Datasheet
453Kb / 33P
[Old version datasheet]   ANALOG INTERFACE CIRCUITS
TLC32046C TI-TLC32046C Datasheet
297Kb / 57P
[Old version datasheet]   Wide-Band Analog Interface Circuit
logo
CML Microcircuits
FX004 CMLMICRO-FX004 Datasheet
338Kb / 9P
   Voice Band Inverter
MX004 CMLMICRO-MX004 Datasheet
370Kb / 9P
   VOICE BAND INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com