Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC34076-135MGAB Datasheet(PDF) 49 Page - Texas Instruments

Part # TLC34076-135MGAB
Description  Video Interface Palette
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC34076-135MGAB Datasheet(HTML) 49 Page - Texas Instruments

Back Button TLC34076-135MGAB Datasheet HTML 45Page - Texas Instruments TLC34076-135MGAB Datasheet HTML 46Page - Texas Instruments TLC34076-135MGAB Datasheet HTML 47Page - Texas Instruments TLC34076-135MGAB Datasheet HTML 48Page - Texas Instruments TLC34076-135MGAB Datasheet HTML 49Page - Texas Instruments TLC34076-135MGAB Datasheet HTML 50Page - Texas Instruments TLC34076-135MGAB Datasheet HTML 51Page - Texas Instruments TLC34076-135MGAB Datasheet HTML 52Page - Texas Instruments TLC34076-135MGAB Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
3–5
3.4.2
Operating Characteristics for TLC34076M Over Recommended Ranges of
Supply Voltage and Operating Free-Air Temperature
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Resolution (each DAC)
8/6 high
8
bits
Resolution (each DAC)
8/6 low
6
bits
EL
End-point linearity error
8/6 high
1
LSB
EL
y
(each DAC)
8/6 low
1/4
LSB
ED
Differential linearity error
8/6 high
1
LSB
ED
y
(each DAC)
8/6 low
1/4
LSB
Gray-scale error
5%
White level relative to Blank
17.69
19.05
20.4
White level relative to Black (7.5 IRE only)
16.74
17.62
18.5
mA
Black level relative to Blank (7.5 IRE only)
0.95
1.44
1.9
IO
Output current
Blank level on IOR, IOB
– 50
5
50
µA
IO
(see Note 4)
Blank level on IOG (with Sync enabled)
6.29
7.6
8.96
mA
Sync level on IOG (with Sync enabled)
– 50
5
50
µA
One LSB (8/6 high)
69.1
µA
One LSB (8/6 low)
276.4
µA
DAC-to-DAC matching outputs
2%
5%
DAC-to-DAC crosstalk
– 20
dB
Voc
Output compliance voltage
– 0.4
1.2
V
VREF Voltage reference output voltage
1.1
1.235
1.3
V
ZO
Output impedance
50
k
CO
Output capacitance
f = 1 MHz,
IO = 0
13
pF
Clock and data feedthrough
–20
dB
Glitch impulse (see Note 3)
50
pV-s
Pipeline delay
Normal mode
1 SCLK + 9 dot clock
periods
Pipeline delay
VGA pass-through mode
7.5 dot clock
periods
† All typical values are at VDD = 5 V, TA = 25°C.
NOTES:
3. Glitch impulse does not include clock and data feedthrough. The – 3-dB test bandwidth is twice the clock
rate.
4. Unless otherwise specified, test conditions for RS343-A video signals are those listed in the
Recommended Operating Conditions, using external voltage reference VREF = 1.235 V and RSET = 523Ω.
When using the internal voltage reference, RSET may need to be adjusted to meet these limits.


Similar Part No. - TLC34076-135MGAB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC34076 TI-TLC34076 Datasheet
397Kb / 68P
[Old version datasheet]   Video Interface Palette
More results

Similar Description - TLC34076-135MGAB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP3020 TI-TVP3020 Datasheet
412Kb / 98P
[Old version datasheet]   Video Interface Palette
TVP3010C TI-TVP3010C Datasheet
491Kb / 90P
[Old version datasheet]   Video Interface Palette
TVP3030 TI-TVP3030 Datasheet
501Kb / 107P
[Old version datasheet]   Video Interface Palette
TVP3010 TI1-TVP3010 Datasheet
501Kb / 91P
[Old version datasheet]   Video Interface Palette
TVP3030 TI1-TVP3030_09 Datasheet
509Kb / 107P
[Old version datasheet]   Video Interface Palette
TLC34075 TI-TLC34075 Datasheet
284Kb / 52P
[Old version datasheet]   Video Interface Palette
TVP3026M TI1-TVP3026M_12 Datasheet
495Kb / 97P
[Old version datasheet]   Video Interface Palette
TVP3026 TI-TVP3026 Datasheet
513Kb / 107P
[Old version datasheet]   Video Interface Palette
TVP3026M TI-TVP3026M Datasheet
457Kb / 95P
[Old version datasheet]   Video Interface Palette
TLC34076 TI-TLC34076 Datasheet
397Kb / 68P
[Old version datasheet]   Video Interface Palette
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com