Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC32045CFN Datasheet(PDF) 12 Page - Texas Instruments

Part # TLC32045CFN
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32045CFN Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC32045CFN Datasheet HTML 8Page - Texas Instruments TLC32045CFN Datasheet HTML 9Page - Texas Instruments TLC32045CFN Datasheet HTML 10Page - Texas Instruments TLC32045CFN Datasheet HTML 11Page - Texas Instruments TLC32045CFN Datasheet HTML 12Page - Texas Instruments TLC32045CFN Datasheet HTML 13Page - Texas Instruments TLC32045CFN Datasheet HTML 14Page - Texas Instruments TLC32045CFN Datasheet HTML 15Page - Texas Instruments TLC32045CFN Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F − MARCH 1988 − REVISED MAY 1995
12
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
secondary DX serial communication protocol
x x |
← to TA register → | x x | ← to RA register → |
0
0
d13 and d6 are MSBs (unsigned binary)
x |
← to TA’ register → | x | ← to RA’ register → |
0
1
d14 and d7 are 2’s complement sign bits
x |
← to TB register → | x | ← to RB register → |
1
0
d14 and d7 are MSBs (unsigned binary)
x
x
x
x
x
x
d9
x
d7
d6
d5
d4
d3
d2 1
1
Control
Register
d2 = 0/1 deletes/inserts the A/D high-pass filter
d3 = 0/1 disables/enables the loopback function
d4 = 0/1 disables/enables the AUX IN + and AUX IN −
d5 = 0/1 asynchronous/synchronous transmit and receive sections
d6 = 0/1 gain control bits (see gain control section)
d7 = 0/1 gain control bits (see gain control section)
d9 = 0/1 delete/insert on-board second-order (sin x) / x correction filter
reset function
A reset function is provided to initiate serial communications between the AIC and DSP. The reset function
initializes all AIC registers, including the control register. After power has been applied to the AIC, a
negative-going pulse on RESET initializes the AIC registers to provide an 8-kHz A/D and D/A conversion rate
for a 5.184 MHz master clock input signal. The AIC, except the control register, is initialized as follows (see AIC
DX data word format section):
REGISTER
INITIALIZED
REGISTER
VALUE (HEX)
TA
9
TA’
1
TB
24
RA
9
RA’
1
RB
24
The control register bits are reset as follows (see AIC DX data word format section):
d9 = 1, d7 = 1, d6 = 1, d5 = 1, d4 = 0, d3 = 0, d2 = 1
This initialization allows normal serial port communications to occur between AIC and DSP. If the transmit and
receive sections are configured to operate synchronously and the user wishes to program different conversion
rates, only the TA, TA’, and TB register need to be programmed, since both transmit and receive timing are
synchronously derived from these registers (see the terminal functions table and AIC DX word format sections).
The circuit shown in Figure 1 provides a reset on power up when power is applied in the sequence given under
power-up sequence. The circuit depends on the power supplies reaching their recommended values a minimum
of 800 ns before the capacitor charges to 0.8 V above DGTL GND.
VCC +
VCC −
RESET
200 k
0.5
µF
TLC32044/TLC32045
5 V
−5 V
Figure 1. Power-Up Reset


Similar Part No. - TLC32045CFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC32045CFN TI-TLC32045CFN Datasheet
535Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32045CFN TI1-TLC32045CFN Datasheet
528Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
More results

Similar Description - TLC32045CFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9086302M3A TI1-5962-9086302M3A Datasheet
528Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044MJB TI1-TLC32044MJB Datasheet
512Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044C TI-TLC32044C Datasheet
535Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32046 TI1-TLC32046 Datasheet
273Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32046CFN TI-TLC32046CFN Datasheet
247Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32047C TI-TLC32047C Datasheet
303Kb / 61P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32040C TI-TLC32040C Datasheet
453Kb / 33P
[Old version datasheet]   ANALOG INTERFACE CIRCUITS
TLC32046C TI-TLC32046C Datasheet
297Kb / 57P
[Old version datasheet]   Wide-Band Analog Interface Circuit
logo
CML Microcircuits
FX004 CMLMICRO-FX004 Datasheet
338Kb / 9P
   Voice Band Inverter
MX004 CMLMICRO-MX004 Datasheet
370Kb / 9P
   VOICE BAND INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com