Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC32044CFN Datasheet(PDF) 14 Page - Texas Instruments

Part No. TLC32044CFN
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32044CFN Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC32044CFN Datasheet HTML 10Page - Texas Instruments TLC32044CFN Datasheet HTML 11Page - Texas Instruments TLC32044CFN Datasheet HTML 12Page - Texas Instruments TLC32044CFN Datasheet HTML 13Page - Texas Instruments TLC32044CFN Datasheet HTML 14Page - Texas Instruments TLC32044CFN Datasheet HTML 15Page - Texas Instruments TLC32044CFN Datasheet HTML 16Page - Texas Instruments TLC32044CFN Datasheet HTML 17Page - Texas Instruments TLC32044CFN Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F − MARCH 1988 − REVISED MAY 1995
14
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
improper operation due to conversion times being too close together
If the difference between two successive D/A conversion frame syncs is less than 1/19.2 kHz, the AIC operates
improperly. In this situation, the second D/A conversion frame sync occurs too quickly and there is not enough
time for the ongoing conversion to be completed. This situation can occur if the A and B registers are improperly
programmed or if the A + A’ register or A − A’ register result is too small. When incrementally adjusting the
conversion period via the A + A’ register options, the designer should be careful not to violate this requirement
(see following diagram).
Frame Sync FSX
or
FSR
t1
t2
Ongoing
Conversion
t2 − t1  1/19.2 kHz
asynchronous operation — more than one receive frame sync occurring between two transmit
frame syncs
When incrementally adjusting the conversion period via the A + A’ or A − A’ register options, a specific protocol
is followed. The command to use the incremental conversion period adjust option is sent to the AIC during a
FSX frame sync. The ongoing conversion period is then adjusted. However, either receive conversion period
A or B can be adjusted. For both transmit and receive conversion periods, the incremental conversion period
adjustment is performed near the end of the conversion period. Therefore, if there is sufficient time between
t1 and t2, the receive conversion period adjustment is performed during receive conversion period A. Otherwise,
the adjustment is performed during receive conversion period B. The adjustment command only adjusts one
transmit conversion period and one receive conversion period. To adjust another pair of transmit and receive
conversion periods, another command must be issued during a subsequent FSX frame (see figure below).
t1
t2
Transmit Conversion Period
Receive Conv.
Period A
Receive Conv.
Period B
FSX
FSR
Figure 2. Adjusted Transmit and Receive Conversion Periods
asynchronous operation — more than one transmit frame sync occurring between two receive
frame syncs
When incrementally adjusting the conversion period via the A + A’ or A − A’ register options, a specific protocol
is followed. For both transmit and receive conversion periods, the incremental conversion period adjustment
is performed near the end of the conversion period. The command to use the incremental conversion period
adjust options is sent to the AIC during a FSX frame sync. The ongoing transmit conversion period is then
adjusted. However, three possibilities exist for the receive conversion period adjustment in the diagram as
shown in the following figure. If the adjustment command is issued during transmit conversion period A, receive
conversion period A is adjusted if there is sufficient time between t1 and t2. If there is not sufficient time between
t1 and t2, receive conversion period B is adjusted. The receive portion of an adjustment command can be


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn