Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC32044CFN Datasheet(PDF) 11 Page - Texas Instruments

Part No. TLC32044CFN
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32044CFN Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC32044CFN Datasheet HTML 7Page - Texas Instruments TLC32044CFN Datasheet HTML 8Page - Texas Instruments TLC32044CFN Datasheet HTML 9Page - Texas Instruments TLC32044CFN Datasheet HTML 10Page - Texas Instruments TLC32044CFN Datasheet HTML 11Page - Texas Instruments TLC32044CFN Datasheet HTML 12Page - Texas Instruments TLC32044CFN Datasheet HTML 13Page - Texas Instruments TLC32044CFN Datasheet HTML 14Page - Texas Instruments TLC32044CFN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F ? MARCH 1988 ? REVISED MAY 1995
11
POST OFFICE BOX 655303
? DALLAS, TEXAS 75265
explanation of internal timing configuration (continued)
If the transmit and receive sections are configured to be synchronous (see WORD/BYTE description), then both
the low-pass and bandpass switched-capacitor filter clocks are derived from TX counter A. Also, both the D/A
and A/D conversion timing are derived from the TX counter A and TX counter B. When the transmit and receive
sections are configured to be synchronous, the RX counter A, RX counter B, RA register, RA? register, and RB
registers are not used.
AIC DR or DX word bit pattern
d14
d13
d12
d11
d10
d9
d8
d7
d6
d5
d4
d3
d2
d1
d0
d15
A/D or D/A MSB,
1st bit sent
1st bit sent of 2nd byte
A/D or D/A LSB
AIC DX data word format section
d15
d14
d13
d12
d11
d10
d9
d8
d7
d6
d5
d4
d3
d2
d1
d0
Comments
primary DX serial communication protocol
?d15 (MSB) through d2 go to the D/A converter register
?
0
0
The TX and RX counter As are loaded with the TA
and RA register values. The TX and RX counter Bs
are loaded with TB and RB register values.
?d15 (MSB) through d2 go to the D/A converter register
?
0
1
The TX and RX counter As are loaded with the TA +
TA? and RA + RA? register values. The TX and RX
counter Bs are loaded with the TB and RB register
values. LSBs d1 = 0 and d0 =1 cause the next D/A
and A/D conversion periods to be changed by the
addition of TA? and RA? master clock cycles, in which
TA? and RA? can be positive or negative or zero (refer
to Table 1).
?d15 (MSB) through d2 go to the D/A converter register
?
1
0
The TX and RX counter As are loaded with the TA ?
TA? and RA ? RA? register values. The TX and RX
counter Bs are loaded with the TB and RB register
values. LSBs d1 = 1 and d0 = 0 cause the next D/A
and A/D conversion periods to be changed by the
subtraction of TA? and RA? master clock cycles, in
which TA? and RA? can be positive or negative or zero
(refer to Table 1).
?d15 (MSB) through d2 go to the D/A converter register
?
1
1
The TX and RX counter As are loaded with the TA
and RA register converter register values. The TX
and RX counter Bs are loaded with the TB and RB
register values. After a delay of four shift clock
cycles, a secondary transmission immediately
follows to program the AIC to operate in the desired
configuration.
NOTE: Setting the two least significant bits to 1 in the normal transmission of DAC information (primary communications) to the AIC initiates
secondary communications upon completion of the primary communications. Upon completion of the primary communication, FSX
remains high for four shift clock cycles and then goes low and initiates the secondary communication. The timing specifications for the
primary and secondary communications are identical. In this manner, the secondary communication, if initiated, is interleaved between
successive primary communications. This interleaving prevents the secondary communication from interfering with the primary
communications and DAC timing, thus preventing the AIC from skipping a DAC output. In the synchronous mode, FSR is not asserted
during secondary communications.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn