Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC32044CFN Datasheet(PDF) 8 Page - Texas Instruments

Part No. TLC32044CFN
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32044CFN Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC32044CFN Datasheet HTML 4Page - Texas Instruments TLC32044CFN Datasheet HTML 5Page - Texas Instruments TLC32044CFN Datasheet HTML 6Page - Texas Instruments TLC32044CFN Datasheet HTML 7Page - Texas Instruments TLC32044CFN Datasheet HTML 8Page - Texas Instruments TLC32044CFN Datasheet HTML 9Page - Texas Instruments TLC32044CFN Datasheet HTML 10Page - Texas Instruments TLC32044CFN Datasheet HTML 11Page - Texas Instruments TLC32044CFN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F ? MARCH 1988 ? REVISED MAY 1995
8
POST OFFICE BOX 655303
? DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
operation of TLC32044 or TLC32045 with internal voltage reference
The internal reference eliminates the need for an external voltage reference and provides overall circuit cost
reduction. Thus, the internal reference eases the design task and provides complete control over device
performance. The internal reference is brought out to a terminal and is available to the designer. To keep the
amount of noise on the reference signal to a minimum, an external capacitor can be connected between REF
and ANLG GND.
operation of TLC32044 or TLC32045 with external voltage reference
REF can be driven from an external reference circuit. This external circuit must be capable of supplying
250
µA and must be adequately protected from noise such as crosstalk from the analog input.
reset
A reset function is provided to initiate serial communications between the AIC and DSP and to allow fast,
cost-effective testing during manufacturing. The reset function initializes all AIC registers, including the control
register. After a negative-going pulse on RESET, the AIC is initialized. This initialization allows normal serial port
communications activity to occur between AIC and DSP (see AIC DX data word format section).
loopback
This feature allows the user to test the circuit remotely. In loopback, OUT + and OUT? are internally connected
to the IN+ and IN?. Thus, the DAC bits (d15 to d2), which are transmitted to DX, can be compared with the ADC
bits (d15 to d2), which are received from DR. An ideal comparison would be that the bits on DR equal the bits
on DX. However, there are some difference in these bits due to the ADC and DAC output offsets. The loopback
feature is implemented with digital signal processor control by transmitting the appropriate serial port bit to the
control register (see AIC DX data word format section).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn