Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC32044CFN Datasheet(PDF) 38 Page - Texas Instruments

Part No. TLC32044CFN
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TLC32044CFN Datasheet(HTML) 38 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F − MARCH 1988 − REVISED MAY 1995
38
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
CLKOUT
FSX
DX
FSR
DR
CLKR
CLKX
MSTR CLK
FSX
DX
FSR
DR
SHIFT CLK
TMS(SMJ)32020/C25
TLC32044/TLC32045
VCC +
REF
ANLG GND
VCC −
VDD
DGTL GND
BAT 42
C
C
C
−5 V
5 V
0.1
µF
D
A
C = 0.2
µF, Ceramic
5 V
Figure 27. AIC Interface to the TMS(SMJ)32020/C25 Showing Decoupling Capacitors and Schottky Diode
Thomson Semiconductors
D
VCC
R
TL431
500
2500
0.01
µF
3-V Output
For:
VCC = 12 V, R = 7200 Ω
VCC = 10 V, R = 5600 Ω
VCC = 5 V, R = 1600 Ω
Figure 28. External Reference Circuit For TLC32044/TLC32045


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn