Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC32044CFN Datasheet(PDF) 34 Page - Texas Instruments

Part No. TLC32044CFN
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32044CFN Datasheet(HTML) 34 Page - Texas Instruments

Back Button TLC32044CFN Datasheet HTML 30Page - Texas Instruments TLC32044CFN Datasheet HTML 31Page - Texas Instruments TLC32044CFN Datasheet HTML 32Page - Texas Instruments TLC32044CFN Datasheet HTML 33Page - Texas Instruments TLC32044CFN Datasheet HTML 34Page - Texas Instruments TLC32044CFN Datasheet HTML 35Page - Texas Instruments TLC32044CFN Datasheet HTML 36Page - Texas Instruments TLC32044CFN Datasheet HTML 37Page - Texas Instruments TLC32044CFN Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F − MARCH 1988 − REVISED MAY 1995
34
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 12
−60
−30
10
0
0.5
1
1.5
2
2.5
3
−10
−20
0
20
3.5
4
4.5
5
Normalized Frequency − kHz
×
SCF Clock Frequency
288 kHz
AIC TRANSMIT AND RECEIVE
LOW-PASS FILTER
SCF Clock f = 288 kHz
TA = 25°C
Input =
±3-V Sine wave
−50
−40
−80
−70
Figure 13
AIC TRANSMIT AND RECEIVE
LOW-PASS FILTER
2.5
2
1
0.5
1.5
0
0.5
1
1.5
2
2.5
3
3
3.5
4
4.5
5
Normalized Frequency − kHz
×
SCF Clock Frequency
288 kHz
SCF Clock f = 288 kHz
TA = 25°C
Input =
±3-V Sine wave
Figure 14
−50
−40
−60
−80
−30
10
0
0.5
1
1.5
2
2.5
3
−10
−20
0
20
3.5
4
4.5
5
Frequency − kHz
AIC RECEIVE-CHANNEL
BANDPASS FILTER
Low-Pass SCF Clock f = 288 kHz
High-Pass SCF Clock f = 8 kHz
TA = 25°C
Input =
±3-V Sine wave
−70
Figure 15
−10
−20
−30
0
50
100 150 200 250 300
0
AIC RECEIVE-CHANNEL
HIGH-PASS FILTER
350 400 450 500
Normalized Frequency − kHz
×
A/D Conversion Rate
8 k samples/s
10
20
SCF Clock f = 8 kHz
TA = 25°C
Input =
±3-V Sine wave
−50
−40
−60


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn