Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC32044CFN Datasheet(PDF) 31 Page - Texas Instruments

Part # TLC32044CFN
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32044CFN Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLC32044CFN Datasheet HTML 27Page - Texas Instruments TLC32044CFN Datasheet HTML 28Page - Texas Instruments TLC32044CFN Datasheet HTML 29Page - Texas Instruments TLC32044CFN Datasheet HTML 30Page - Texas Instruments TLC32044CFN Datasheet HTML 31Page - Texas Instruments TLC32044CFN Datasheet HTML 32Page - Texas Instruments TLC32044CFN Datasheet HTML 33Page - Texas Instruments TLC32044CFN Datasheet HTML 34Page - Texas Instruments TLC32044CFN Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F − MARCH 1988 − REVISED MAY 1995
31
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tf(SCLK)
tr(SCLK)
tc(SCLK)
2 V
2 V
2 V
2 V
2 V
2 V
2 V
0.8 V
0.8 V
td(CH-FL)
td(CH-FH)
0.8 V
td(CH-FL)
td(CH-FH)
2 V
0.8 V
2 V
2 V
td(CH-DR)
tsu(DX)
th(DX)
td(CH-EL)
td(CH-EH)
Don’t Care
SHIFT CLK
FSR, FSX
DR
DX
EODR, EODX
0.8 V
2 V
D8
D9
D13
D14
D15
D9
D13
D14
D15
D8
D7
D6
D2
D1
D0
D7
D6
D2
D1
D0
(a) BYTE-MODE TIMING
SHIFT CLK
FSR, FSX
DR
DX
EODX, EODR
2 V
2 V
0.8 V
td(CH-FL)
td(CH-FH)
0.8 V
2 V
tc(SCLK)
2 V
2 V
0.8 V
0.8 V
D12
D13
D14
D1
D0
D11
D2
D12
D13
D14
D15
D11
D1
D0
D2
th(DX)
td(CH-EL)
td(CH-EH)
2 V
0.8 V
D15
tsu(DX)
Don’t Care
td(CH-DR)
(b) WORD-MODE TIMING
MSTR CLK
SHIFT CLK
td(MH-SH)
td(MH-SL)
(c) SHIFT-CLOCK TIMING
Figure 9. Serial-Port Timing


Similar Part No. - TLC32044CFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC32044CFN TI-TLC32044CFN Datasheet
535Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044CFN TI1-TLC32044CFN Datasheet
528Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
More results

Similar Description - TLC32044CFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9086302M3A TI1-5962-9086302M3A Datasheet
528Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044MJB TI1-TLC32044MJB Datasheet
512Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044C TI-TLC32044C Datasheet
535Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32046 TI1-TLC32046 Datasheet
273Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32046CFN TI-TLC32046CFN Datasheet
247Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32047C TI-TLC32047C Datasheet
303Kb / 61P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32040C TI-TLC32040C Datasheet
453Kb / 33P
[Old version datasheet]   ANALOG INTERFACE CIRCUITS
TLC32046C TI-TLC32046C Datasheet
297Kb / 57P
[Old version datasheet]   Wide-Band Analog Interface Circuit
logo
CML Microcircuits
FX004 CMLMICRO-FX004 Datasheet
338Kb / 9P
   Voice Band Inverter
MX004 CMLMICRO-MX004 Datasheet
370Kb / 9P
   VOICE BAND INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com