Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC32044CFN Datasheet(PDF) 29 Page - Texas Instruments

Part No. TLC32044CFN
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32044CFN Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLC32044CFN Datasheet HTML 25Page - Texas Instruments TLC32044CFN Datasheet HTML 26Page - Texas Instruments TLC32044CFN Datasheet HTML 27Page - Texas Instruments TLC32044CFN Datasheet HTML 28Page - Texas Instruments TLC32044CFN Datasheet HTML 29Page - Texas Instruments TLC32044CFN Datasheet HTML 30Page - Texas Instruments TLC32044CFN Datasheet HTML 31Page - Texas Instruments TLC32044CFN Datasheet HTML 32Page - Texas Instruments TLC32044CFN Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
sin
π f/fs
π f/fs
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F − MARCH 1988 − REVISED MAY 1995
29
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
(sin x) / x roll-off for a zero-order hold function
The (sin x) / x roll-off for the AIC DAC zero-order hold function at a band-edge frequency of 3000 Hz for the
various sampling rates is shown in the table below.
Table 4.
(sin x) / x Roll-Off
20 log
fs (Hz)
20 log
(f = 3000 Hz)
fs (Hz)
(f = 3000 Hz)
(dB)
s
(f = 3000 Hz)
(dB)
7200
− 2.64
8000
− 2.11
9600
− 1.44
14400
− 0.63
19200
− 0.35
The actual AIC (sin x)/ x roll-off will be slightly less than the above figures because the AIC has less than a 100%
duty cycle hold interval.
correction filter
To compensate for the (sin x)/ x roll-off of the AIC, a first-order correction filter (shown below) is recommended.
u(i + 1)
(1 − p1)P2
+
+
z − 1
y(i + 1)
p1
The difference equation for this correction filter is:
yi + 1 = p2(1 − p1) (ui + 1) + p1 yi
where the constant p1 determines the pole locations.
The resulting squared magnitude transfer function is:
p22 (1–p1)2
1 – 2p1 cos(2
p f fs) ) p12
|H(f)|2
+


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn