Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC32044CFN Datasheet(PDF) 23 Page - Texas Instruments

Part No. TLC32044CFN
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TLC32044CFN Datasheet(HTML) 23 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F − MARCH 1988 − REVISED MAY 1995
23
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
power supply rejection and crosstalk attenuation
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC + or VCC − supply voltage rejection
f = 0 to 30 kHz
Idle channel, supply signal at 200 mV
30
VCC + or VCC − supply voltage rejection
ratio, receive channel
f = 30 kHz to 50 kHz
Idle channel, supply signal at 200 mV
p-p measured at DR (ADC output)
45
VCC + or VCC − supply voltage rejection
f = 0 to 30 kHz
Idle channel, supply signal at 200 mV
30
VCC + or VCC − supply voltage rejection
ratio, transmit channel (single ended)
f = 30 kHz to 50 kHz
Idle channel, supply signal at 200 mV
p-p measured at OUT +
45
dB
Crosstalk attenuation, transmit-to-receive
(single ended)
TLC3204xC, E, I
80
dB
Crosstalk attenuation, transmit-to-receive
(single ended)
TLC32044M
65
80
Crosstalk attenuation, receive-to-transmit, TLC32044M
Inputs grounded,
Gain = 1, 2, 4
65
All typical values are at TA = 25°C.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn