Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC4501AQD Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC4501AQD
Description  FAMILY OF SELF-CALIBRATING (Self-Cal) PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC4501AQD Datasheet(HTML) 5 Page - Texas Instruments

  TLC4501AQD Datasheet HTML 1Page - Texas Instruments TLC4501AQD Datasheet HTML 2Page - Texas Instruments TLC4501AQD Datasheet HTML 3Page - Texas Instruments TLC4501AQD Datasheet HTML 4Page - Texas Instruments TLC4501AQD Datasheet HTML 5Page - Texas Instruments TLC4501AQD Datasheet HTML 6Page - Texas Instruments TLC4501AQD Datasheet HTML 7Page - Texas Instruments TLC4501AQD Datasheet HTML 8Page - Texas Instruments TLC4501AQD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
TLC4501, TLC4501A, TLC4502, TLC4502A
FAMILY OF SELF-CALIBRATING (Self-Cal
)
PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS221B – MAY 1998 – REVISED APRIL 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA†
TLC450xC, TLC450xAC
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VO =0 5Vto2 5V
CL = 100 pF
25
°C
1.5
2.5
V/
µs
SR
Slew rate at unity gain
VO = 0.5 V to 2.5 V,
CL = 100 pF
Full range
1
V/
µs
V
Equivalent input noise voltage
f = 10 Hz
25
°C
70
nV/
√H
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
12
nV/
√Hz
VN(PP)
Peak-to-peak equivalent input noise
f = 0.1 to 1 Hz
25
°C
1
µV
VN(PP)
q
voltage
f = 0.1 to 10 Hz
25
°C
1.5
µV
In
Equivalent input noise current
25
°C
0.6
fA/
√Hz
VO = 0.5 V to 2.5 V,
f10 kH
AV = 1
25
°C
0.02%
THD + N
Total harmonic distortion plus noise
f = 10 kHz,
RL = 1 kΩ,
AV = 10
25
°C
0.08%
RL 1 kΩ,
CL = 100 pF
AV = 100
25
°C
0.55%
Gain-bandwidth product
f = 10 kHz,
CL = 100 pF
RL = 1 kΩ,
25
°C
4.7
MHz
BOM
Maximum output swing bandwidth
VO(PP) = 2 V,
RL = 1 kΩ,
AV = 1,
CL = 100 pF
25
°C
1
MHz
t
Settling time
AV = –1,
Step = 0.5 V to 2.5 V,
to 0.1%
25
°C
1.6
µs
ts
Settling time
RL = 1 kΩ,
CL = 100 pF
to 0.01%
25
°C
2.2
µs
φm
Phase margin at unity gain
RL = 1 kΩ,
CL = 100 pF
25
°C
74
Calibration time
25
°C
300
ms
† Full range is 0
°C to 70°C.
NOTE 4: RL and CL values are referenced to 2.5 V.


Similar Part No. - TLC4501AQD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC4501AQD TI1-TLC4501AQD Datasheet
978Kb / 39P
[Old version datasheet]   FAMILY OF SELF-CALIBRATING PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLC4501AQDR TI1-TLC4501AQDR Datasheet
978Kb / 39P
[Old version datasheet]   FAMILY OF SELF-CALIBRATING PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC4501AQD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC4501 TI-TLC4501 Datasheet
498Kb / 32P
[Old version datasheet]   FAMILY OF SELF-CALIBRATING Self-CalE PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLC4502IDR TI1-TLC4502IDR Datasheet
978Kb / 39P
[Old version datasheet]   FAMILY OF SELF-CALIBRATING PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV27L1 TI-TLV27L1 Datasheet
274Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
   Rail-to-Rail Output CMOS Operational Amplifiers
logo
Texas Instruments
LMV341-Q1 TI-LMV341-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com