Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9096901M2A Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9096901M2A
Description  QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9096901M2A Datasheet(HTML) 23 Page - Texas Instruments

Back Button 5962-9096901M2A Datasheet HTML 19Page - Texas Instruments 5962-9096901M2A Datasheet HTML 20Page - Texas Instruments 5962-9096901M2A Datasheet HTML 21Page - Texas Instruments 5962-9096901M2A Datasheet HTML 22Page - Texas Instruments 5962-9096901M2A Datasheet HTML 23Page - Texas Instruments 5962-9096901M2A Datasheet HTML 24Page - Texas Instruments 5962-9096901M2A Datasheet HTML 25Page - Texas Instruments 5962-9096901M2A Datasheet HTML 26Page - Texas Instruments 5962-9096901M2A Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
TLC3704, TLC3704M
QUAD MICROPOWER LinCMOS
 VOLTAGE COMPARATORS
SLCS117C − NOVEMBER 1986 − REVISED NOVEMBER 2009
23
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
+
100 k
C1
180
µF
(see Note A)
1/2 TLC3704
100 k
R2
100 k
100 k
100 k
VI
VI
+
1/2 TLC3704
VI
+
TLC271
(see Note B)
270 k
VI
100 k
C2
100 pF
100 k
R = 6
L = 1 mH
(see Note D)
RL
470
µF
VO
R1
V
I +
6 V to 16 V
I
L +
0.01 mA to 0.25 mA
V
O +
2.5
(R1
) R2)
R2
LM385
2.5 V
47
µF
Tantalum
IN5818
VI
GS
SK9504
(see Note C)
D
+
NOTES: A. Adjust C1 for a change in oscillator frequency
B. TLC271 − Tie pin 8 to pin 7 for low bias operation
C. SK9504 − VDS = 40 V
IDS = 1 A
will
D. To achieve microampere current drive, the inductance of the circuit must be increased.
Figure 28. Micropower Switching Regulator


Similar Part No. - 5962-9096901M2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9096901M2A TI-5962-9096901M2A Datasheet
350Kb / 31P
[Old version datasheet]   QUAD MICROPOWER LinCMOSE VOLTAGE COMPARATORS
5962-9096901M2A TI1-5962-9096901M2A Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS. VOLTAGE COMPARATORS
More results

Similar Description - 5962-9096901M2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3704-Q1 TI-TLC3704-Q1 Datasheet
383Kb / 23P
[Old version datasheet]   QUAD MICROPOWER LINCMOS VOLTAGE COMPARATORS
TLC3704 TI1-TLC3704_14 Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS. VOLTAGE COMPARATORS
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_16 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702MDRG4 TI1-TLC3702MDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702 TI-TLC3702_V01 Datasheet
1Mb / 39P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_14 Datasheet
1Mb / 37P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702CDR TI-TLC3702CDR Datasheet
1Mb / 36P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
logo
STMicroelectronics
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com