Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC34076 Datasheet(PDF) 18 Page - Texas Instruments

Part # TLC34076
Description  Video Interface Palette
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC34076 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC34076_16 Datasheet HTML 14Page - Texas Instruments TLC34076_16 Datasheet HTML 15Page - Texas Instruments TLC34076_16 Datasheet HTML 16Page - Texas Instruments TLC34076_16 Datasheet HTML 17Page - Texas Instruments TLC34076_16 Datasheet HTML 18Page - Texas Instruments TLC34076_16 Datasheet HTML 19Page - Texas Instruments TLC34076_16 Datasheet HTML 20Page - Texas Instruments TLC34076_16 Datasheet HTML 21Page - Texas Instruments TLC34076_16 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
2–2
2.2.1
Writing to the Color Palette RAM
To load the color palette RAM, the MPU must first write to the address register (write mode) with the address
where the modification is to start. This action is followed by three successive writes to the palette-holding
register with eight bits each of red, green, and blue data. After the blue data write cycle, the three bytes of
color are concatenated into a 24-bit word and written to the color palette RAM location specified by the
address register. The address register then increments to point to the next color palette RAM location, which
the MPU may modify by simply writing another sequence of red, green, and blue data bytes. A block of color
values in consecutive locations may be written to by writing the start address and performing continuous
red, green, and blue write cycles until the entire block has been written.
2.2.2
Reading From the Color Palette RAM
Reading from the color palette RAM is performed by writing the location to be read to the address register.
This action initiates a transfer from the color palette RAM into the holding register followed by an increment
of the address register. Three successive MPU reads from the holding register produce red, green, and blue
color data (6 or 8 bits, depending on the 8/6 mode) for the specified location. Following the blue read cycle,
the contents of the color palette RAM at the address specified by the address register are copied into the
holding register and the address register is again incremented. As with writing to the color palette RAM, a
block of color values in consecutive locations may be read by writing the start address and performing
continuous red, green, and blue read cycles until the entire block has been read.
2.2.3
Palette Page Register
The 8-bit palette page register provides high-speed color changing by removing the need for color palette
RAM reloading. When using 1, 2, or 4 bit-planes, the additional planes are provided by the palette page
register; e.g., when using four bit-planes, the pixel inputs specify the lower four bits of the color palette RAM
address with the upper four bits being specified by the palette register. This provides the capability of
selecting from 16 palette pages with only one chip access, thus allowing all the screen colors to be changed
at the line frequency. A bit-to-bit correspondence is used; therefore, in the above configuration, palette page
register bits 7 – 4 map onto color palette RAM address bits 7 – 4 respectively. This is listed in Table 2–2.
Since there is only one bit of overlay data in the 5-5-5 true color modes, the page register fills the seven
remaining MSBs (same as one bit-plane in Table 2–2). All 8 bits need to be cleared to 0 in order to enable
true color.
The additional bits from the palette page register are inserted before the read mask and hence, are subject
to masking.
Table 2–2. Allocation of Palette Page Register Bits
NUMBER OF
COLOR PALETTE RAM ADDRESS BITS
BIT PLANES
MSB
LSB
8
M
M
M
M
M
M
M
M
4
P7
P6
P5
P4
M
M
M
M
2
P7
P6
P5
P4
P3
P2
M
M
1
P7
P6
P5
P4
P3
P2
P1
M
Pn = nth bit from palette page register
M = bit from pixel port
2.3
Input/Output Clock Selection and Generation
The TLC34076 provides a maximum of five clock inputs. Three are dedicated to TTL inputs; the other two
can be selected as either one ECL input or two extra TTL inputs. The TTL and ECL inputs can be used for
video rates up to 135 MHz. The dual-mode clock input (ECL/TTL) is primarily an ECL input but can be used


Similar Part No. - TLC34076_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC34076 TI-TLC34076 Datasheet
397Kb / 68P
[Old version datasheet]   Video Interface Palette
More results

Similar Description - TLC34076_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP3020 TI-TVP3020 Datasheet
412Kb / 98P
[Old version datasheet]   Video Interface Palette
TVP3010C TI-TVP3010C Datasheet
491Kb / 90P
[Old version datasheet]   Video Interface Palette
TVP3030 TI-TVP3030 Datasheet
501Kb / 107P
[Old version datasheet]   Video Interface Palette
TVP3010 TI1-TVP3010 Datasheet
501Kb / 91P
[Old version datasheet]   Video Interface Palette
TVP3030 TI1-TVP3030_09 Datasheet
509Kb / 107P
[Old version datasheet]   Video Interface Palette
TLC34075 TI-TLC34075 Datasheet
284Kb / 52P
[Old version datasheet]   Video Interface Palette
TVP3026M TI1-TVP3026M_12 Datasheet
495Kb / 97P
[Old version datasheet]   Video Interface Palette
TVP3026 TI-TVP3026 Datasheet
513Kb / 107P
[Old version datasheet]   Video Interface Palette
TVP3026M TI-TVP3026M Datasheet
457Kb / 95P
[Old version datasheet]   Video Interface Palette
TLC34076 TI-TLC34076 Datasheet
397Kb / 68P
[Old version datasheet]   Video Interface Palette
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com