Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC32044C Datasheet(PDF) 30 Page - Texas Instruments

Part # TLC32044C
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32044C Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLC32044C Datasheet HTML 26Page - Texas Instruments TLC32044C Datasheet HTML 27Page - Texas Instruments TLC32044C Datasheet HTML 28Page - Texas Instruments TLC32044C Datasheet HTML 29Page - Texas Instruments TLC32044C Datasheet HTML 30Page - Texas Instruments TLC32044C Datasheet HTML 31Page - Texas Instruments TLC32044C Datasheet HTML 32Page - Texas Instruments TLC32044C Datasheet HTML 33Page - Texas Instruments TLC32044C Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F − MARCH 1988 − REVISED MAY 1995
30
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
correction results
Table 5 shows the optimum p values and the corresponding correction results for 8000-Hz and 9600-Hz
sampling rates.
Table 5. Optimum P Values
f (Hz)
ERROR (dB)
fs = 8000 Hz
p1 = − 0.14813
ERROR (dB)
fs = 9600 Hz
p1 = − 0.1307
f (Hz)
fs = 8000 Hz
p1 = − 0.14813
p2 = 0.9888
fs = 9600 Hz
p1 = − 0.1307
p2 = 0.9951
300
− 0.099
− 0.043
600
− 0.089
− 0.043
900
− 0.054
0
1200
− 0.002
0
1500
0.041
0
1800
0.079
0.043
2100
0.100
0.043
2400
0.091
0.043
2700
− 0.043
0
3000
− 0.102
− 0.043
TMS(SMJ)320 software requirements
The digital correction filter equation can be written in state variable form as follows:
Y = k1
× Y + k2 × U
where
k1 = p1
k2 = (1 − p1)
× p2
Y = filter state
U = next I/O sample
The coefficients k1 and k2 must be represented as 16-bit integers. The SACH instruction (with the proper shift)
yields the correct result. With the assumption that the TMS(SMJ)320 processor page pointer and memory
configuration are properly initialized, the equation can be executed in seven instructions or seven cycles with
the following program:
ZAC
LT K2
MPY U
LTA K1
MPY Y
APAC
SACH (dma), (shift)


Similar Part No. - TLC32044C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC32044C TI-TLC32044C Datasheet
535Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044C TI1-TLC32044C Datasheet
512Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044CFN TI-TLC32044CFN Datasheet
535Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044CFN TI1-TLC32044CFN Datasheet
528Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044CN TI-TLC32044CN Datasheet
535Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
More results

Similar Description - TLC32044C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9086302M3A TI1-5962-9086302M3A Datasheet
528Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044MJB TI1-TLC32044MJB Datasheet
512Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32044C TI-TLC32044C Datasheet
535Kb / 39P
[Old version datasheet]   VOICE-BAND ANALOG INTERFACE CIRCUITS
TLC32046 TI1-TLC32046 Datasheet
273Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32046CFN TI-TLC32046CFN Datasheet
247Kb / 56P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32047C TI-TLC32047C Datasheet
303Kb / 61P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TLC32040C TI-TLC32040C Datasheet
453Kb / 33P
[Old version datasheet]   ANALOG INTERFACE CIRCUITS
TLC32046C TI-TLC32046C Datasheet
297Kb / 57P
[Old version datasheet]   Wide-Band Analog Interface Circuit
logo
CML Microcircuits
FX004 CMLMICRO-FX004 Datasheet
338Kb / 9P
   Voice Band Inverter
MX004 CMLMICRO-MX004 Datasheet
370Kb / 9P
   VOICE BAND INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com