Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA169-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA169-Q1
Description  HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA169-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  INA169-Q1 Datasheet HTML 1Page - Texas Instruments INA169-Q1 Datasheet HTML 2Page - Texas Instruments INA169-Q1 Datasheet HTML 3Page - Texas Instruments INA169-Q1 Datasheet HTML 4Page - Texas Instruments INA169-Q1 Datasheet HTML 5Page - Texas Instruments INA169-Q1 Datasheet HTML 6Page - Texas Instruments INA169-Q1 Datasheet HTML 7Page - Texas Instruments INA169-Q1 Datasheet HTML 8Page - Texas Instruments INA169-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
INA139Q1,INA169Q1
SGLS185B − SEPTEMBER 2003 − REVISED OCTOBER 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS
TA = −40°C to 125°C, VS = 5 V, VIN+ = 12 V, and ROUT = 25 kΩ unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Full-scale sense voltage
VSENSE = VIN+ − VIN−
100
500
mV
Common-mode input range (VIN+)
INA139
2.7
40
V
Common-mode input range (VIN+)
INA169
2.7
60
V
Common-mode rejection
VIN+ = 2.7 V to 40 V,
VSENSE = 50 mV
INA139
100
115
dB
Common-mode rejection
VIN+ = 2.7 V to 60 V,
VSENSE = 50 mV
INA169
100
120
dB
Offset voltage(1) RTI
"0.2
"2
mV
Offset voltage vs temperature
1
µV/°C
Offset voltage vs power supply, V+
V+ = 2.7 V to 40 V,
VSENSE = 50 mV
INA139
0.5
10
µV/V
Offset voltage vs power supply, V+
V+ = 2.7 V to 60 V,
VSENSE = 50 mV
INA169
0.1
10
µV/V
Input bias current
10
µA
OUTPUT
Transconductance
VSENSE =10 mV − 150 mV
980
1000
1020
µA/V
Transconductance vs temperature
VSENSE =100 mV
10
nA/
°C
Nonlinearity error
VSENSE =10 mV to 150 mV
"0.01
%
"0.2%
Total output error
VSENSE =100 mV
"0.5%
"2%
Output impedance
1
G
Output impedance
5
pF
Voltage output swing to power supply, V+
(V+)
− 0.9
(V+) −
1.2
V
Voltage output swing to common mode,
VCM
VCM
− 0.6
VCM −
1
V
FREQUENCY RESPONSE
Bandwidth
ROUT = 10 kΩ
440
kHz
Bandwidth
ROUT = 20 kΩ
220
kHz
Settling time (0.1%)
5 V step
ROUT = 10 kΩ
2.5
µs
Settling time (0.1%)
5 V step
ROUT = 20 kΩ
5
µs
NOISE
Output-current noise density
20
pA/
√Hz
Total output-current noise
BW = 100 kHz
7
nA
RMS
POWER SUPPLY
Operating range, V+
INA139
2.7
40
V
Operating range, V+
INA169
2.7
60
V
Quiescent current
VSENSE = 0, IO = 0
60
125
µA
(1) Defined as the amount of input voltage, VSENSE, to drive the output to zero.


Similar Part No. - INA169-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA169-Q1 TI-INA169-Q1 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA169-Q1 TI1-INA169-Q1 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
More results

Similar Description - INA169-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA138-Q1 TI-INA138-Q1_15 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138_11 Datasheet
466Kb / 15P
   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com