Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9753702QHA Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9753702QHA
Description  FAMILY OF SELF-CALIBRATING (Self-Cal) PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9753702QHA Datasheet(HTML) 27 Page - Texas Instruments

Back Button 5962-9753702QHA Datasheet HTML 23Page - Texas Instruments 5962-9753702QHA Datasheet HTML 24Page - Texas Instruments 5962-9753702QHA Datasheet HTML 25Page - Texas Instruments 5962-9753702QHA Datasheet HTML 26Page - Texas Instruments 5962-9753702QHA Datasheet HTML 27Page - Texas Instruments 5962-9753702QHA Datasheet HTML 28Page - Texas Instruments 5962-9753702QHA Datasheet HTML 29Page - Texas Instruments 5962-9753702QHA Datasheet HTML 30Page - Texas Instruments 5962-9753702QHA Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
TLC4501, TLC4501A, TLC4502, TLC4502A
FAMILY OF SELF-CALIBRATING (Self-Cal
)
PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS221B – MAY 1998 – REVISED APRIL 2001
27
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
macromodel information
Macromodel information provided was derived using Microsim Parts
 Release 8, the model generation
software used with Microsim PSpice
. The Boyle macromodel (see Note 4) and subcircuit in Figure 46 are
generated using the TLC4501 typical electrical and operating characteristics at TA = 25°C. Using this
information, output simulations of the following key parameters can be generated to a tolerance of 20% (in most
cases):
D Maximum positive output voltage swing
D Maximum negative output voltage swing
D Slew rate
D Quiescent power dissipation
D Input bias current
D Open-loop voltage amplification
D Unity-gain frequency
D Common-mode rejection ratio
D Phase margin
D DC output resistance
D AC output resistance
D Short-circuit output current limit
NOTE 4: G. R. Boyle, B. M. Cohn, D. O. Pederson, and J. E. Solomon, “Macromodeling of Integrated Circuit Operational Amplifiers”, IEEE Journal
of Solid-State Circuits, SC-9, 353 (1974).
+
+
+
+
+
.subckt TLC4501 1 2 3 4 5
*
c1
11
12
1.4559E–12
c2
6
7
8.0000E–12
css
10
99
1.0000E–30
dc
5
53
dy
de
54
5
dy
dlp
90
91
dx
dln
92
90
dx
dp
4
3
dx
egnd
99
0
poly(2) (3,0) (4,0) 0 .5 .5
fb
7
99
poly(5) vb vc ve vlp vln 0
+ 84.657E9 –1E3 1E3 85E9 –85E9
ga
6
0
11 12 236.25E–6
gcm
0
6
10 99 2.3625E–9
iss
10
4
dc 20.000E–6
hlim
90
0
vlim 1K
j1
11
2
10 jx1
j2
12
1
10 jx2
r2
6
9
100.00E3
rd1
3
11
4.2328E3
rd2
3
12
4.2328E3
ro1
8
5
5.0000E–3
ro2
7
99
5.0000E–3
rp
3
4
5.0000E3
rss
10
99
10.000E6
vb
9
0
dc 0
vc
3
53
dc .92918
ve
54
4
dc .82918
vlim
7
8
dc 0
vlp
91
0
dc 67
vln
0
92
dc 67
.model dx D(Is=800.00E–18)
.model dy D(Is=800.00E–18 Rs=1m Cjo=10p)
.model jx1 NJF(Is=500.00E–15 Beta=2.7907E–3 Vto=–1)
.model jx2 NJF(Is=500.00E–15 Beta=2.7907E–3 Vto=–1)
.ends
VDD +
RP
IN –
2
IN +
1
VDD –
RD1
11
J1
J2
10
RSS
ISS
3
12
RD2
DP
VD
DC
4
C1
53
EGND
FB
HLIM
90
DLP
91
DLN
92
VLN
VLP
99
CSS
+
VE
DE
54
OUT
+
+
R2
6
9
VB
C2
GA
VLIM
8
5
RO1
RO2
7
GCM
Figure 46. Boyle Macromodel and Subcircuit
PSpice and Parts are trademarks of MicroSim Corporation.


Similar Part No. - 5962-9753702QHA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9753702QHA TI1-5962-9753702QHA Datasheet
978Kb / 39P
[Old version datasheet]   FAMILY OF SELF-CALIBRATING PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - 5962-9753702QHA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC4501 TI-TLC4501 Datasheet
498Kb / 32P
[Old version datasheet]   FAMILY OF SELF-CALIBRATING Self-CalE PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLC4502IDR TI1-TLC4502IDR Datasheet
978Kb / 39P
[Old version datasheet]   FAMILY OF SELF-CALIBRATING PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV27L1 TI-TLV27L1 Datasheet
274Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
   Rail-to-Rail Output CMOS Operational Amplifiers
logo
Texas Instruments
LMV341-Q1 TI-LMV341-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com